Electronic Components Datasheet Search
  English  ▼

X  

AD8400 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8400
Description  1-/2-/4-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8400 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8400 Datasheet HTML 10Page - Analog Devices AD8400 Datasheet HTML 11Page - Analog Devices AD8400 Datasheet HTML 12Page - Analog Devices AD8400 Datasheet HTML 13Page - Analog Devices AD8400 Datasheet HTML 14Page - Analog Devices AD8400 Datasheet HTML 15Page - Analog Devices AD8400 Datasheet HTML 16Page - Analog Devices AD8400 Datasheet HTML 17Page - Analog Devices AD8400 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8400/AD8402/AD8403
–14–
REV. B
Table II. Input Logic Control Truth Table
CLK CS
RS
SHDN
Register Activity
L
L
H
H
No SR effect, enables SDO pin.
P
L
H
H
Shift One bit in from the SDI pin.
The tenth previously entered bit is
shifted out of the SDO pin.
X
P
H
H
Load SR data into RDAC latch
based on A1, A0 decode (Table III).
X
H
H
H
No Operation.
X
X
L
H
Sets all RDAC latches to midscale,
wiper centered, and SDO latch
cleared.
X
H
P
H
Latches all RDAC latches to 80H.
X
H
H
L
Open circuits all resistor
A–terminals, connects W to B,
turns off SDO output transistor.
NOTE: P = positive edge, X = don’t care, SR = shift register.
The serial data-output (SDO) pin contains an open drain n-
channel FET. This output requires a pull-up resistor in order to
transfer data to the next package’s SDI pin. The pull-up resistor
termination voltage may be larger than the VDD supply (but less
than max VDD of +8 V) of the AD8403 SDO output device,
e.g., the AD8403 could operate at VDD = 3.3 V and the pull-up
for interface to the next device could be set at +5 V. This allows
for daisy chaining several RDACs from a single processor serial
data line. The clock period needs to be increased when using a
pull-up resistor to the SDI pin of the following device in the
series. Capacitive loading at the daisy chain node SDO–SDI
between devices must be accounted for to successfully transfer
data. When daisy chaining is used, the CS should be kept low
until all the bits of every package are clocked into their respec-
tive serial registers insuring that the address bits and data bits
are in the proper decoding location. This would require 20 bits
of address and data complying to the word format provided in
Table I if two AD8403 four-channel RDACs are daisy chained.
Note, only the AD8403 has a SDO pin. During shutdown
SHDN
the SDO output pin is forced to the off (logic high state)
to disable power dissipation in the pull up resistor. See Figure 40
for equivalent SDO output circuit schematic.
The data setup and data hold times in the specification table de-
termine the data valid time requirements. The last 10 bits of the
data word entered into the serial register are held when CS re-
turns high. At the same time CS goes high it gates the address
decoder, which enables one of the two (AD8402) or four
(AD8403) positive edge triggered RDAC latches. See Figure 39
detail and Table III Address Decode Table.
Table III. Address Decode Table
A1
A0
Latch Decoded
0
0
RDAC#1
0
1
RDAC#2
1
0
RDAC#3 AD8403 Only
1
1
RDAC#4 AD8403 Only
ADDR
DECODE
RDAC 1
RDAC 2
RDAC 4
SERIAL
REGISTER
AD8403
SDI
CLK
CS
Figure 39. Equivalent Input Control Logic
The target RDAC latch is loaded with the last eight bits of the
serial data word completing one DAC update. In the case of the
AD8403 four separate 10-bit data words must be clocked in to
change all four VR settings.
SERIAL
REGISTER
SDI
CK RS
DQ
SHDN
CS
CLK
RS
SDO
Figure 40. Detail SDO Output Schematic of the AD8403
All digital pins are protected with a series input resistor and par-
allel Zener ESD structure shown in Figure 41a. This structure
applies to digital pins CS, SDI, SDO, RS, SHDN, CLK. The
digital input ESD protection allows for mixed power supply
applications where +5 V CMOS logic can be used to drive an
AD8400/AD8402 or AD8403 operating from a +3 V power sup-
ply. The analog pins A, B, W are protected with a 20
Ω series
resistor and parallel Zener, see Figure 41b.
1k
Ω
DIGITAL
PINS
LOGIC
Figure 41a. Equivalent ESD Protection Circuits
20
Ω
A, B, W
Figure 41b. Equivalent ESD Protection Circuit (Analog
Pins)
CW
120pF
A
B
CA
CB
W
CA = 90.4pF · (
) + 30pF
DW
256
RDAC
10k
Ω
CB = 90.4pF · (1 –
) + 30pF
DW
256
Figure 42. RDAC Circuit Simulation Model for RDAC =
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com