Electronic Components Datasheet Search
  English  ▼

X  

AD8401 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8401
Description  8-Bit, 4-Channel Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8401 Datasheet(HTML) 3 Page - Analog Devices

  AD8401 Datasheet HTML 1Page - Analog Devices AD8401 Datasheet HTML 2Page - Analog Devices AD8401 Datasheet HTML 3Page - Analog Devices AD8401 Datasheet HTML 4Page - Analog Devices AD8401 Datasheet HTML 5Page - Analog Devices AD8401 Datasheet HTML 6Page - Analog Devices AD8401 Datasheet HTML 7Page - Analog Devices AD8401 Datasheet HTML 8Page - Analog Devices AD8401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DAC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution
N
8
Bits
Total Unadjusted Error
TUE
±2
LSB
Relative Accuracy
INL
–1
+1
LSB
Differential Nonlinearity
DNL
–1
+1
LSB
Offset Error
VOSE
TA = +25°C
–2
+2
LSB
TA = Full Temp Range
–2.5
+2.5
LSB
Full-Scale Error
AE
TA = +25
°C
–3
+3
LSB
TA = Full Temp Range
–4
+4
LSB
∆Full-Scale/∆V
DD
TA = +25
°C
–0.5
+0.5
LSB
Load Regulation at Full-Scale
–0.2
+0.2
LSB
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
SNR
44
dB
Total Harmonic Distortion
THD
48
dB
ANALOG OUTPUT
Output Voltage Range
OVR
0
+2.5
V
LOGIC INPUTS (Applies to DB0–DB7, CS, WR, RD, RS)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IL
–10
10
µA
Input Capacitance
CIL
10
pF
AC CHARACTERISTICS
Voltage Output Settling Time
tS
To
±1/2 LSB of Final Value
2
4
µs
Positive Full-Scale Change
tPOS
10% to 90%
1
2
µs
Negative Full-Scale Change
tNEG
90% to 10%
2
4
µs
DAC Glitch Impulse
15
nV s
Digital Feedthrough
1
nV s
VIN to VOUT Isolation
f = 50 kHz
60
dB
POWER REQUIREMENTS
Positive Supply Current
IDD
No Load
13
mA
Specifications subject to change without notice.
(@ VDD = +5.0 V
5%, AGDAC = AGADC = 0.0 V; RL = 2 k , CL = 100 pF
to AGDAC; –40 C
≤ T
A
≤ +85 C, unless otherwise noted)
AD8401
–3–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com