Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  476KXM063M Datasheet HTML 1Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 2Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed primarily for CW large--signal output and driver applications with
frequencies up to 600 MHz. Devices are unmatched and are suitable for use in
industrial, medical and scientific applications.
• Typical CW Performance: VDD =50 Volts,IDQ = 900 mA,
Pout = 300 Watts, f = 220 MHz
Power Gain — 25.5 dB
Drain Efficiency — 68%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 220 MHz, 300 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• Qualified Up to a Maximum of 50 VDD Operation
• Integrated ESD Protection
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +110
Vdc
Gate--Source Voltage
VGS
--0.5, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 83°C, 300 W CW
RθJC
0.24
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
A (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access
MTTF calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF6V2300N
Rev. 5, 4/2010
Freescale Semiconductor
Technical Data
MRF6V2300NR1
MRF6V2300NBR1
10--600 MHz, 300 W, 50 V
LATERAL N--CHANNEL
SINGLE--ENDED
BROADBAND
RF POWER MOSFETs
PARTS ARE SINGLE--ENDED
(Top View)
RFout/VDS
Figure 1. Pin Connections
RFout/VDS
RFin/VGS
RFin/VGS
Note: Exposed backside of the package is
the source terminal for the transistor.
CASE 1484--04, STYLE 1
TO--272 WB--4
PLASTIC
MRF6V2300NBR1
CASE 1486--03, STYLE 1
TO--270 WB--4
PLASTIC
MRF6V2300NR1
© Freescale Semiconductor, Inc., 2007--2008, 2010. All rights reserved.


Similar Part No. - 476KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476KXM063M ILLINOISCAPACITOR-476KXM063M Datasheet
130Kb / 5P
105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Freescale Semiconductor...
476KXM063M FREESCALE-476KXM063M Datasheet
1Mb / 18P
RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Illinois Capacitor, Inc...
476KXM063M ILLINOISCAPACITOR-476KXM063M Datasheet
477Kb / 3P
105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Freescale Semiconductor...
476KXM063M FREESCALE-476KXM063M Datasheet
1Mb / 19P
RF Power Field Effect Transistors
logo
Illinois Capacitor, Inc...
476KXM063M ILLINOISCAPACITOR-476KXM063M Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
More results

Similar Description - 476KXM063M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1 Datasheet
701Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com