Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 11Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 12Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 13Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 14Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
11
RF Device Data
Freescale Semiconductor
Zo =25 Ω
f=27 MHz
Zsource
f = 450 MHz
Zload
f=27 MHz
Zload
f = 450 MHz
Zsource
VDD =50 Vdc,IDQ = 900 mA, Pout = 300 W CW
f
MHz
Zsource
Ω
Zload
Ω
27
10.5 + j19.0
3.50 + j0.19
450
0.50 + j1.37
1.25 + j0.99
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 18. Series Equivalent Source and Load Impedance — 27, 450 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com