Electronic Components Datasheet Search
  English  ▼

X  

AD8517 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8517
Description  7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8517 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8517 Datasheet HTML 4Page - Analog Devices AD8517 Datasheet HTML 5Page - Analog Devices AD8517 Datasheet HTML 6Page - Analog Devices AD8517 Datasheet HTML 7Page - Analog Devices AD8517 Datasheet HTML 8Page - Analog Devices AD8517 Datasheet HTML 9Page - Analog Devices AD8517 Datasheet HTML 10Page - Analog Devices AD8517 Datasheet HTML 11Page - Analog Devices AD8517 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8517/AD8527
–8–
REV. B
TIME – 1s/Div
VS = 2.5V
AV = 120k
TA = 25 C
Figure 15. 0.1 Hz to 10 Hz Noise
TIME – 200 s/Div
0
0
0
0
0
0
0
0
VS = 2.5V
AV = + 1
VIN = SINEWAVE
TA = 25 C
Figure 16. No Phase Reversal
THEORY OF OPERATION
The AD85x7 is a rail-to-rail operational amplifier that can operate at
supply voltages as low as 1.8 V. This family is fabricated using Analog
Devices’ high-speed complementary bipolar process, also called
XFCB. The process trench isolates each transistor to minimize
parasitic capacitance thereby allowing high-speed performance.
Figure 19 shows a simplified schematic of the AD85x7 family.
The input stage consists of two parallel complementary differen-
tial pair: one NPN pair (Q1 and Q2) and one PNP pair (Q3 and
Q4). The voltage drops across R7. R8, R9, and R10 are kept low
for rail-to-rail operation. The major gain stage of the op amp is a
double-folded cascode consisting of transistors Q5, Q6, Q8, and
Q9. The output stage, which also operates rail-to-rail, is driven by
Q14. The transistors Q13 and Q10 act as level-shifters to give
more headroom during 1.8 V operation.
As the voltage at the base of Q13 increases, Q18 starts to sink
current. When the voltage at the base of Q13 decreases, I8 flows
through D16 and Q15 increasing the VBE of Q17, then Q20
sources current.
The output stage also furnishes gain, which depends on the load
resistance, since the output transistors are in common emitter
configuration. The output swing when sinking or sourcing 250
µA
is 35 mV from each rail.
The input bias current characteristics depend on the common-
mode voltage, see Figure 4. As the input voltage reaches about
1 V below VCC, the PNP pair (Q3 and Q4) turns off.
The 1 k
Ω input resistor R1 and R2, together with the diodes D7
and D8, protect the input pairs against avalanche damage.
The AD85x7 family exhibits no phase reversal as the input
signal exceeds the supply by more than 0.6 V. Excessive current
can flow through the input pins via the ESD diodes D1–D2 or
D3–D4, in the event their ~0.6 V thresholds are exceeded. Such
fault currents must be limited to 5 mA or less by the use of
external series resistance(s).
LOW VOLTAGE OPERATION
Battery Voltage Discharge
The AD8517 operates at supply voltages as low as 1.8 V. This
amplifier is ideal for battery-powered applications since it can
operate at the end of discharge voltage of most popular batteries.
Table I lists the Nominal and End of Discharge Voltages of several
typical batteries.
TIME – 500ns/Div
VS = 2.5V
AV = 1
TA = 25 C
CL = 100pF
RL = 10k
Figure 17. Small Signal Transient Response
TIME – 200ns/Div
VS = 2.5V
AV = 1
RL = 10k
TA = 25 C
Figure 18. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com