Electronic Components Datasheet Search
  English  ▼

X  

AD8517 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8517
Description  7 MHz Rail-to-Rail Low Voltage Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8517 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8517 Datasheet HTML 4Page - Analog Devices AD8517 Datasheet HTML 5Page - Analog Devices AD8517 Datasheet HTML 6Page - Analog Devices AD8517 Datasheet HTML 7Page - Analog Devices AD8517 Datasheet HTML 8Page - Analog Devices AD8517 Datasheet HTML 9Page - Analog Devices AD8517 Datasheet HTML 10Page - Analog Devices AD8517 Datasheet HTML 11Page - Analog Devices AD8517 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. B
AD8517/AD8527
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Narrow Body SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
5-Lead SOT-23
(RT-5)
0.1181 (3.00)
0.1102 (2.80)
PIN 1
0.0669 (1.70)
0.0590 (1.50)
0.1181 (3.00)
0.1024 (2.60)
1
3
4
5
0.0748 (1.90)
BSC
0.0374 (0.95) BSC
2
0.0079 (0.20)
0.0031 (0.08)
0.0217 (0.55)
0.0138 (0.35)
10
0
0.0197 (0.50)
0.0138 (0.35)
0.0059 (0.15)
0.0019 (0.05)
0.0512 (1.30)
0.0354 (0.90)
SEATING
PLANE
0.0571 (1.45)
0.0374 (0.95)
8-Lead MSOP
(RM-8)
85
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
27
0.120 (3.05)
0.112 (2.84)
SPICE Model
The SPICE model for the AD8517 amplifier is available and
can be downloaded from the Analog Devices’ web site at
http://www.analog.com. The macro-model accurately simulates
a number of AD8517 parameters, including offset voltage, input
common-mode range, and rail-to-rail output swing. The output
voltage versus output current characteristics of the macro-model is
identical to the actual AD8517 performance, which is a critical
feature with a rail-to-rail amplifier model. The model also accu-
rately simulates many ac effects, such as gain-bandwidth product,
phase margin, input voltage noise, CMRR and PSRR versus
frequency, and transient response. Its high degree of model
accuracy makes the AD8517 macro-model one of the most
reliable and true-to-life models available for any amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com