Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8571 Datasheet HTML 11Page - Analog Devices AD8571 Datasheet HTML 12Page - Analog Devices AD8571 Datasheet HTML 13Page - Analog Devices AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AD8571/AD8572/AD8574
–15–
REV. 0
100k
AD857x
100k
VSY = 0V TO 5V
VOUT
Figure 54b. AD857x Test Circuit for Turn-On Time
APPLICATIONS
A 5 V Precision Strain-Gage Circuit
The extremely low offset voltage of the AD8572 makes it an ideal
amplifier for any application requiring accuracy with high gains,
such as a weigh scale or strain-gage. Figure 55 shows a configuration
for a single supply, precision strain-gage measurement system.
A REF192 provides a 2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a 4.0 V reference
for the top of the strain-gage resistor bridge. Q1 provides the cur-
rent drive for the 350
Ω bridge network. A1 is used to amplify the
output of the bridge with the full-scale output voltage equal to:
2
12
×+
()
RR
R
B
(17)
Where RB is the resistance of the load cell. Using the values given
in Figure 55, the output voltage will linearly vary from 0 V with
no strain to 4 V under full strain.
VOUT
350
LOAD
CELL
AD8572-A
R3
17.4k
R4
100
R1
17.4k
R2
100
0V TO 4V
NOTE:
USE 0.1% TOLERANCE RESISTORS.
20k
A1
AD8572-B
REF192
12k
1k
5V
2.5V
6
4
3
2
4.0V
40mV
FULL-SCALE
Q1
2N2222
OR
EQUIVALENT
A2
Figure 55. A 5 V Precision Strain-Gage Amplifier
3 V Instrumentation Amplifier
The high common-mode rejection, high open-loop gain, and
operation down to 3 V of supply voltage makes the AD857x an
excellent choice of op amp for discrete single supply instrumenta-
tion amplifiers. The common-mode rejection ratio of the AD857x
is greater than 120 dB, but the CMRR of the system is also a
function of the external resistor tolerances. The gain of the differ-
ence amplifier shown in Figure 56 is given as:
VV
R
RR
R
R
V
R
R
OUT =
+


+


−


11
2
4
34
1
2
2
1
(18)
V2
V1
VOUT
R1
R3
R4
R2
AD857x
IF
R3
R4
=
R1
R2
, THEN VOUT =
R1
R2
(V1
V2)
Figure 56. Using the AD857x as a Difference Amplifier
In an ideal difference amplifier, the ratio of the resistors are set
exactly equal to:
A
R
R
R
R
V ==
2
1
4
3
(19)
Which sets the output voltage of the system to:
VA V
V
OUT
V
=−
()
12
(20)
Due to finite component tolerance the ratio between the four
resistors will not be exactly equal, and any mismatch results in a
reduction of common-mode rejection from the system. Referring
to Figure 56, the exact common-mode rejection ratio can be
expressed as:
CMRR
R R
RR
RR
RR
R R
=
++
−
1
4
24
23
14
2
3
2
22
(21)
In the 3 op amp instrumentation amplifier configuration shown
in Figure 57, the output difference amplifier is set to unity gain
with all four resistors equal in value. If the tolerance of the resis-
tors used in the circuit is given as
δ, the worst-case CMRR of
the instrumentation amplifier will be:
CMRR
MIN =
1
2
δ
(22)
VOUT
R
R
R
R
AD8574-C
V2
R
R
V1
RG
AD8574-B
AD8574-A
RTRIM
VOUT = 1 +
2R
RG
(V1
V2)
Figure 57. A Discrete Instrumentation Amplifier
Configuration
Thus, using 1% tolerance resistors would result in a worst-case
system CMRR of 0.02, or 34 dB. Therefore either high precision
resistors or an additional trimming resistor, as shown in Figure 57,
should be used to achieve high common-mode rejection. The value
of this trimming resistor should be equal to the value of R multi-
plied by its tolerance. For example, using 10 k
Ω resistors with 1%
tolerance would require a series trimming resistor equal to 100
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com