Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8571 Datasheet HTML 11Page - Analog Devices AD8571 Datasheet HTML 12Page - Analog Devices AD8571 Datasheet HTML 13Page - Analog Devices AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AD8571/AD8572/AD8574
–17–
REV. 0
SPICE Model
The SPICE macro-model for the AD857x amplifier is given in
Listing 1. This model simulates the typical specifications for the
AD857x, and it can be downloaded from the Analog Devices
website at http://www.analog.com. The schematic of the
macro-model is shown in Figure 61.
Transistors M1 through M4 simulate the rail-to-rail input differ-
ential pairs in the AD857x amplifier. The EOS voltage source in
series with the noninverting input establishes not only the 1
µV
offset voltage, but is also used to establish common-mode and
power supply rejection ratios and input voltage noise. The differ-
ential voltages from nodes 14 to 16 and nodes 17 to 18 are reflected
to E1, which is used to simulate a secondary pole-zero combination
in the open-loop gain of the amplifier.
The voltage at node 32 is then reflected to G1, which adds an
additional gain stage and, in conjunction with CF, establishes
the slew rate of the model at 0.5 V/
µs. M5 and M6 are in a
common-source configuration, similar to the output stage of
the AD857x amplifier. EG1 and EG2 fix the quiescent current
in these two transistors at 100
µA, and also help accurately
simulate the VOUT vs. IOUT characteristic of the amplifier.
The network around ECM1 creates the common-mode voltage
error, with CCM1 setting the corner frequency for the CMRR
roll-off. The power supply rejection error is created by the network
around EPS1, with CPS3 establishing the corner frequency for
the PSRR roll-off. The two current loops around nodes 80 and
81 are used to create a 51 nV/
√Hz noise figure across RN2. All
three of these error sources are reflected to the input of the op
amp model through EOS. Finally, GSY is used to accurately
model the supply current versus supply voltage increase in
the AD857x.
This macro-model has been designed to accurately simulate a
number of specifications exhibited by the AD857x amplifier,
and is one of the most true-to-life macro-models available for
any op amp. It is optimized for operation at 27
°C. Although the
model will function at different temperatures, it may lose accuracy
with respect to the actual behavior of the AD857x.
17
18
99
11
12
C2
RC7
RC8
RC3
RC4
D2
I2
V1
10
50
99
+
8
9
EOS
I1
D1
V1
2
RC2
RC1
C1
RC6
RC5
50
16
M2
M1
1
14
7
M3
M4
13
31
C2
R2
32
R3
+
E1
+
EREF
0
98
21
CCM1
RCM1
22
RCM2
ECM1
98
81
80
HN
RN2
RN1
VN1
98
72
CPS3
RPS3
73
RPS4
EPS1
98
+
99
CPS1
70
RPS1
0
RPS2
CPS2
50
71
99
50
GSY
M5
99
EG1
CF
+
D3
97
D4
EVP
EVN
98
51
M6
R1
98
G1
EG2
50
47
30
45
98
46
Figure 61. Schematic of the AD857x SPICE Macro-Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com