Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8571 Datasheet HTML 11Page - Analog Devices AD8571 Datasheet HTML 12Page - Analog Devices AD8571 Datasheet HTML 13Page - Analog Devices AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AD8571/AD8572/AD8574
–16–
REV. 0
A High Accuracy Thermocouple Amplifier
Figure 58 shows a K-type thermocouple amplifier configuration
with cold-junction compensation. Even from a 5 V supply, the
AD8571 can provide enough accuracy to achieve a resolution
of better than 0.02
°C from 0°C to 500°C. D1 is used as a tempera-
ture measuring device to correct the cold-junction error from
the thermocouple and should be placed as close as possible to
the two terminating junctions. With the thermocouple measuring
tip immersed in a zero-degree ice bath, R6 should be adjusted
until the output is at 0 V.
Using the values shown in Figure 58, the output voltage will
track temperature at 10 mV/
°C. For a wider range of tempera-
ture measurement, R9 can be decreased to 62 k
Ω. This will
create a 5 mV/
°C change at the output, allowing measurements
of up to 1000
°C.
AD8571
3
8
4
0V TO 5V
(0 C TO 500 C)
5V
0.1 F
+
10 F
REF02EZ
0.1 F
12V
2
6
4
++
––
D1
1N4148
5V
K-TYPE
THERMOCOUPLE
40.7 V/ C
1
R6
200
R4
5.62k
R9
124k
R3
53.6
R5
40.2k
R8
453
R1
10.7k
2
R2
2.74k
Figure 58. A Precision K-Type Thermocouple Amplifier
with Cold-Junction Compensation
Precision Current Meter
Because of its low input bias current and superb offset voltage at
single supply voltages, the AD857x is an excellent amplifier for
precision current monitoring. Its rail-to-rail input allows the
amplifier to be used as either a high-side or low-side current
monitor. Using both amplifiers in the AD8572 provides a simple
method to monitor both current supply and return paths for
load or fault detection.
Figure 59 shows a high-side current monitor configuration. Here,
the input common-mode voltage of the amplifier will be at or near
the positive supply voltage. The amplifier’s rail-to-rail input provides
a precise measurement, even with the input common-mode voltage
at the supply voltage. The CMOS input structure does not draw any
input bias current, ensuring a minimum of measurement error.
The 0.1
Ω resistor creates a voltage drop to the noninverting
input of the AD857x. The amplifier’s output is corrected until
this voltage appears at the inverting input. This creates a current
through R1, which in turn flows through R2. The Monitor Output
is given by:
Monitor Output
R
R
R
I
SENSE
L
=×


×
2
1
(23)
Using the components shown in Figure 59, the Monitor Output
transfer function is 2.5 V/A.
Figure 60 shows the low-side monitor equivalent. In this circuit,
the input common-mode voltage to the AD8572 will be at or near
ground. Again, a 0.1
Ω resistor provides a voltage drop proportional
to the return current. The output voltage is given as:
VV
R
R
RI
OUT
SENSE
L
=+ −
×
×


2
1
(24)
For the component values shown in Figure 60, the output transfer
function decreases from V at –2.5 V/A.
8
1
4
3
3V
0.1 F
RSENSE
0.1
V+
IL
G
S
D
2
M1
Si9433
MONITOR
OUTPUT
3V
1/2
AD8572
R1
100
R2
2.49k
Figure 59. A High-Side Load Current Monitor
V+
RETURN TO
GROUND
1/2 AD8572
V+
VOUT
Q1
R2
2.49k
R1
100
RSENSE
0.1
Figure 60. A Low-Side Load Current Monitor
Precision Voltage Comparator
The AD857x can be operated open-loop and used as a precision
comparator. The AD857x has less than 50
µV of offset voltage
when run in this configuration. The slight increase of offset
voltage stems from the fact that the autocorrection architecture
operates with lowest offset in a closed-loop configuration, that
is, one with negative feedback. With 50 mV of overdrive, the
device has a propagation delay of 15
µs on the rising edge and
8
µs on the falling edge.
Care should be taken to ensure the maximum differential volt-
age of the device is not exceeded. For more information, please
refer to the section on Input Overvoltage Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com