Electronic Components Datasheet Search
  English  ▼

X  

AD872ASE Datasheet(PDF) 1 Page - Analog Devices

Part # AD872ASE
Description  Complete 12-Bit 10 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD872ASE Datasheet(HTML) 1 Page - Analog Devices

  AD872ASE Datasheet HTML 1Page - Analog Devices AD872ASE Datasheet HTML 2Page - Analog Devices AD872ASE Datasheet HTML 3Page - Analog Devices AD872ASE Datasheet HTML 4Page - Analog Devices AD872ASE Datasheet HTML 5Page - Analog Devices AD872ASE Datasheet HTML 6Page - Analog Devices AD872ASE Datasheet HTML 7Page - Analog Devices AD872ASE Datasheet HTML 8Page - Analog Devices AD872ASE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 12-Bit 10 MSPS
Monolithic A/D Converter
AD872A
FEATURES
Monolithic 12-Bit 10 MSPS A/D Converter
Low Noise: 0.26 LSB RMS Referred-to-Input
No Missing Codes Guaranteed
Differential Nonlinearity Error: 0.5 LSB
Signal-to-Noise and Distortion Ratio: 68 dB
Spurious-Free Dynamic Range: 75 dB
Power Dissipation: 1.03 W
Complete: On-Chip Track-and-Hold Amplifier and
Voltage Reference
Twos Complement Binary Output Data
Out-of-Range Indicator
28-Lead Ceramic DIP or 44-Terminal Leadless Chip
Carrier Package
PRODUCT DESCRIPTION
The AD872A is a monolithic 12-bit, 10 MSPS analog-to-digital
converter with an on-chip, high performance track-and-hold
amplifier and voltage reference. The AD872A uses a multistage
differential pipelined architecture with error correction logic to
provide 12-bit accuracy at 10 MSPS data rates and guarantees
no missing codes over the full operating temperature range. The
AD872A is a redesigned version of the AD872 which has been
optimized for lower noise. The AD872A is pin compatible with
the AD872, allowing the parts to be used interchangeably as sys-
tem requirements change.
The low noise input track-and-hold (T/H) of the AD872A is
ideally suited for high-end imaging applications. In addition, the
T/H’s high input impedance and fast settling characteristics al-
low the AD872A to easily interface with multiplexed systems
that switch multiple signals through a single A/D converter. The
dynamic performance of the T/H also renders the AD872A suit-
able for sampling single channel inputs at frequencies up to and
beyond the Nyquist rate. The AD872A provides both reference
output and reference input pins, allowing the onboard reference
to serve as a system reference. An external reference can also be
chosen to suit the dc accuracy and temperature drift require-
ments of the application. A single clock input is used to control
all internal conversion cycles. The digital output data is pre-
sented in twos complement binary output format. An out-of-
range signal indicates an overflow condition, and can be used
with the most significant bit to determine low or high overflow.
The AD872A is fabricated on Analog Devices’ ABCMOS-l
process that utilizes high speed bipolar and CMOS transistors
on a single chip.
The AD872A is packaged in a 28-lead ceramic DIP and a 44-
terminal leadless ceramic surface mount package (LCC). Opera-
tion is specified from 0
°C to +70°C and –55°C to +125°C.
PRODUCT HIGHLIGHTS
The AD872A offers a complete single-chip sampling, 12-bit
10 MSPS analog-to-digital conversion function in a 28-lead DIP
or 44-terminal LCC.
Low Noise—The AD872A features 0.26 LSB rms referred to-
input noise.
Low Power—The AD872A at 1.03 W consumes a fraction of the
power of presently available hybrids.
On-Chip Track-and-Hold (T/H)—The low noise, high imped-
ance T/H input eliminates the need for external buffers and can
be configured for single-ended or differential inputs.
Ease of Use—The AD872A is complete with T/H and voltage
reference and is pin-compatible with the AD872.
Out of Range (OTR)—The OTR output bit indicates when the
input signal is beyond the AD872A’s input range.
4
4
3
4
CORRECTION LOGIC
+2.5V
REFERENCE
OUTPUT BUFFERS
*OEN
OTR
*MSB
BIT2–BIT12
REF GND
MSB
AVDD AGND
DGND
AVSS
DVDD
VINA
VINB
CLOCK
REF IN
*ONLY AVAILABLE ON 44-TERMINAL SURFACE MOUNT PACKAGE
AD872A
T/H
DAC
A/D
A/D
T/H
DAC
A/D
T/H
A/D
DAC
*DRVDD *DRGND
REF OUT
+
+
+
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD872ASE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD872ASE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
AD9225 AD-AD9225 Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com