Electronic Components Datasheet Search
  English  ▼

X  

AD872ASE Datasheet(PDF) 13 Page - Analog Devices

Part # AD872ASE
Description  Complete 12-Bit 10 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD872ASE Datasheet(HTML) 13 Page - Analog Devices

Back Button AD872ASE Datasheet HTML 9Page - Analog Devices AD872ASE Datasheet HTML 10Page - Analog Devices AD872ASE Datasheet HTML 11Page - Analog Devices AD872ASE Datasheet HTML 12Page - Analog Devices AD872ASE Datasheet HTML 13Page - Analog Devices AD872ASE Datasheet HTML 14Page - Analog Devices AD872ASE Datasheet HTML 15Page - Analog Devices AD872ASE Datasheet HTML 16Page - Analog Devices AD872ASE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. A
–13–
AD872A
condition or an out-of-range low condition. Note that if the in-
put is driven beyond +1.5 V, the digital outputs may not stay at
+FS, but may actually fold back to midscale.
The AD872A’s CMOS digital output drivers are sized to pro-
vide sufficient output current to drive a wide variety of logic
families. However, large drive currents tend to cause glitches on
the supplies and may affect S/(N+D) performance. Applications
requiring the AD872A to drive large capacitive loads or large
fanout may require additional decoupling capacitors on DRVDD
and DVDD. In extreme cases, external buffers or latches could
be used.
THREE-STATE OUTPUTS
The 44-terminal surface mount AD872A offers three-state out-
puts. The digital outputs can be placed into a three-state mode
by pulling the OUTPUT ENABLE (OEN) pin LOW. Note that
this function is not intended to be used to pull the AD872A on
and off a bus at 10 MHz. Rather, it is intended to allow the ADC
to be pulled off the bus for evaluation or test modes. Also, to
avoid corruption of the sampled analog signal during conversion
(3 clock cycles), it is highly recommended that the AD872A be
placed on the bus prior to the first sampling.
DATA
OUTPUT
ACTIVE
THREE-STATE
OEN
t
DD
t
HL
Figure 25. Three-State Output Timing Diagram
For timing budgetary purposes, the typical access and float de-
lay times for the AD872A are 50 ns.
CLOCK INPUT
The AD872A internal timing control uses the two edges of the
clock input to generate a variety of internal timing signals. The
optimal clock input should have a 50% duty cycle; however,
sensitivity to duty cycle is significantly reduced for clock rates of
less than 10 megasamples per second.
20MHz
74XX74
S
R
Q
CLK
+5V
+5V
Q
D
Figure 26. Divide-by-Two Clock Circuit
Due to the nature of on-chip compensation circuitry, the duty
cycle should be maintained between 40% and 60% even for
clock rates less than 10 MSPS. One way to realize a 50% duty
cycle clock is to divide down a clock of higher frequency, as
shown in Figure 26.
In this case, a 20 MHz clock is divided by 2 to produce the
10 MHz clock input for the AD872A. In this configuration, the
duty cycle of the 20 MHz clock is irrelevant.
The input circuitry for the CLKIN pin is designed to accom-
modate both TTL and CMOS inputs. The quality of the logic
input, particularly the rising edge, is critical in realizing the best
possible jitter performance for the part: the faster the rising
edge, the better the jitter performance.
As a result, careful selection of the logic family for the clock
driver, as well as the fanout and capacitive load on the clock
line, is important. Jitter-induced errors become more pro-
nounced at higher frequency, large amplitude inputs, where the
input slew rate is greatest.
The AD872A is designed to support a sampling rate of 10
MSPS; running at slightly faster clock rates may be possible,
although at reduced performance levels. Conversely, some slight
performance improvements might be realized by clocking the
AD872A at slower clock rates. Figure 27 presents the S/(N+D)
vs. clock frequency for a 1 MHz analog input.
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY – MHz
75
70
65
60
55
50
Figure 27. Typical S/(N+D) vs. Clock Frequency,
fIN = 1 MHz, Full-Scale Input
The power dissipated by the correction logic and output buffers
is largely proportional to the clock frequency; running at re-
duced clock rates provides a slight reduction in power consump-
tion. Figure 28 illustrates this tradeoff.
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY – MHz
1.09
1.08
1.07
1.06
1.05
1.04
Figure 28. Typical Power Dissipation vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com