Electronic Components Datasheet Search
  English  ▼

X  

AD872ASE Datasheet(PDF) 3 Page - Analog Devices

Part # AD872ASE
Description  Complete 12-Bit 10 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD872ASE Datasheet(HTML) 3 Page - Analog Devices

  AD872ASE Datasheet HTML 1Page - Analog Devices AD872ASE Datasheet HTML 2Page - Analog Devices AD872ASE Datasheet HTML 3Page - Analog Devices AD872ASE Datasheet HTML 4Page - Analog Devices AD872ASE Datasheet HTML 5Page - Analog Devices AD872ASE Datasheet HTML 6Page - Analog Devices AD872ASE Datasheet HTML 7Page - Analog Devices AD872ASE Datasheet HTML 8Page - Analog Devices AD872ASE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AC SPECIFICATIONS (T
MIN to TMAX, AVDD = + 5 V, DVDD = +5 V, AVSS = –5 V, fSAMPLE = 10 MHz unless otherwise noted)
1
REV. A
–3–
AD872A
Parameter
J Grade
S Grade
Units
SIGNAL-TO-NOISE & DISTORTION RATIO (S/N+D)
fINPUT = l MHz
68
68
dB typ
61
61
dB min
fINPUT = 4.99 MHz
66
66
dB typ
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 1 MHz
69
69
dB typ
fINPUT = 4.99 MHz
67
67
dB typ
TOTAL HARMONIC DISTORTION (THD)
fINPUT = 1 MHz
–74
–74
dB typ
–63
–62
dB max
fINPUT = 4.99 MHz
–72
–72
dB typ
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fINPUT = l MHz
75
75
dB typ
fINPUT = 4.99 MHz
74
74
dB typ
INTERMODULATION DISTORTION (IMD)2
Second Order Products
–80
–80
dB typ
Third Order Products
–73
–73
dB typ
FULL POWER BANDWIDTH
35
35
MHz typ
SMALL SIGNAL BANDWIDTH
35
35
MHz typ
APERTURE DELAY
6
6
ns typ
APERTURE JITTER
16
16
ps rms typ
ACQUISITION TO FULL-SCALE STEP
40
40
ns typ
OVERVOLTAGE RECOVERY TIME
40
40
ns typ
NOTES
1f
INPUT amplitude = –0.5 dB full scale unless otherwise indicated. All measurements referred to a 0 dB (1.0 V pk) input signal unless otherwise indicated.
2fa = 1.0 MHz, fb = 0.95 MHz with t
SAMPLE = 10 MHz.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
J, S Grades
Units
LOGIC INPUTS
High Level Input Voltage
VIH
+2.0
V min
Low Level Input Voltage
VIL
+0.8
V max
High Level Input Current (VIN = DVDD)IIH
115
µA max
Low Level Input Current (VIN = 0 V)
IIL
115
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUT
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V max
Output Capacitance
COUT
5
pF typ
Leakage (Three State, LCC Only)
IZ
±10
µA max
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = + 5 V, DVDD = +5 V, AVSS = –5 V, fSAMPLE = 10 MHz unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com