Electronic Components Datasheet Search
  English  ▼

X  

AD9225ARS Datasheet(PDF) 6 Page - Analog Devices

Part # AD9225ARS
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9225ARS Datasheet HTML 2Page - Analog Devices AD9225ARS Datasheet HTML 3Page - Analog Devices AD9225ARS Datasheet HTML 4Page - Analog Devices AD9225ARS Datasheet HTML 5Page - Analog Devices AD9225ARS Datasheet HTML 6Page - Analog Devices AD9225ARS Datasheet HTML 7Page - Analog Devices AD9225ARS Datasheet HTML 8Page - Analog Devices AD9225ARS Datasheet HTML 9Page - Analog Devices AD9225ARS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9225
–6–
REV. A
Typical Performance Characteristics (AVDD, DRVDD = +5 V, f
S = 25 MHz (50% Duty Cycle) unless otherwise noted)
Title
1.00
–1.00
–0.25
–0.50
–0.75
0.75
0.00
0.50
0.25
0
4095
511
1022
1533
2044
2555
3066
3577
Figure 2. Typical DNL
FREQUENCY – MHz
75
70
50
1
10
65
60
55
20dB 2V INT REF
6dB 2V INT REF
0.5dB 2V INT REF
Figure 3. SINAD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
FREQUENCY – MHz
–60
–65
–85
1
10
–70
–75
–80
20.0dB 2V INT REF
6.0dB 2V INT REF
0.5dB 2V INT REF
Figure 4. THD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
2.00
1.50
0.50
511
1.00
0.50
0
1.00
1.50
2.00
1022
1533
2044
2555
3066
3577
4095
0
TITLE
Figure 5. Typical INL
FREQUENCY – MHz
70
65
45
1
10
60
55
50
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
Figure 6. SINAD vs. Input Frequency (Input Span = 2 V p-p
Differential Input)
FREQUENCY – MHz
–60
–65
–85
1
10
–70
–75
–80
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
Figure 7. THD vs. Input Frequency (Input Span = 2 V p-p,
VCM = 2.5 V Differential Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com