Electronic Components Datasheet Search
  English  ▼

X  

AD9225ARS Datasheet(PDF) 17 Page - Analog Devices

Part # AD9225ARS
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9225ARS Datasheet HTML 13Page - Analog Devices AD9225ARS Datasheet HTML 14Page - Analog Devices AD9225ARS Datasheet HTML 15Page - Analog Devices AD9225ARS Datasheet HTML 16Page - Analog Devices AD9225ARS Datasheet HTML 17Page - Analog Devices AD9225ARS Datasheet HTML 18Page - Analog Devices AD9225ARS Datasheet HTML 19Page - Analog Devices AD9225ARS Datasheet HTML 20Page - Analog Devices AD9225ARS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD9225
–17–
REV. A
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance
of the AD9225 by improving drift and accuracy. Figures 29 and
30 show examples of how to use an external reference with the
A/D. Table III is a list of suitable voltage references from Ana-
log Devices. To use an external reference, the user must disable
the internal reference amplifier and drive the VREF pin. Con-
necting the SENSE pin to AVDD disables the internal reference
amplifier.
Table III. Suitable Voltage References
Initial
Output
Drift
Accuracy
Operating
Voltage
(ppm/ C)
% (max)
Current
Internal
1.00
26
1.4
1 mA
AD589
1.235
10–100
1.2–2.8
50
µA
AD1580
1.225
50–100
0.08–0.8
50
µA
REF191
2.048
5–25
0.1–0.5
45
µA
Internal
2.0
26
1.4
1 mA
The AD9225 contains an internal reference buffer, A2 (see
Figure 16), that simplifies the drive requirements of an external
reference. The external reference must be able to drive about
5 k
Ω (±20%) load. Note that the bandwidth of the reference
buffer is deliberately left small to minimize the reference noise
contribution. As a result, it is not possible to change the refer-
ence voltage rapidly in this mode.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1 F
22 F
VINA
VINB
VREF
SENSE
AD9225
+5V
R2
0.1 F
A1
R1
0.1 F
2.5V
REF
Figure 29. External Reference
Variable Input Span with VCM = 2.5 V
Figure 29 shows an example of the AD9225 configured for an
input span of 2
× VREF centered at 2.5 V. An external 2.5 V
reference drives the VINB pin thus setting the common-mode
voltage at 2.5 V. The input span can be independently set by a
voltage divider consisting of R1 and R2 which generates the
VREF signal. A1 buffers this resistor network and drives
VREF. Choose this op amp based on accuracy requirements. It
is essential that a minimum of a 10
µF capacitor in parallel with
a 0.1
µF low inductance ceramic capacitor decouple A1’s output
to ground.
Single-Ended Input with 0 to 2
VREF Range
Figure 30 shows an example of an external reference driving
both VINB and VREF. In this case, both the common-mode
voltage and input span are directly dependent on the value of
VREF. More specifically, the common-mode voltage is equal to
VREF while the input span is equal to 2
× VREF. Thus, the
valid input range extends from 0 to 2
× VREF. For example, if
the REF191, a 2.048 V external reference was selected, the valid
input range extends from 0 to 4.096 V. In this case, 1 LSB of
the AD9225 corresponds to 1 mV. It is essential that a mini-
mum of a 10
µF capacitor in parallel with a 0.1 µF low inductance
ceramic capacitor decouple the reference output to ground.
2
REF
0V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9225
+5V
0.1 F
VREF
0.1 F
0.1 F
Figure 30. Input Range = 0 V to 2
× VREF
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9225 output data is presented in positive true straight
binary for all input ranges. Table IV indicates the output data
formats for various input ranges regardless of the selected input
range. A twos complement output data format can be created by
inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA–VINB
< – VREF
0000 0000 0000
1
VINA–VINB
= – VREF
0000 0000 0000
0
VINA–VINB
= 0
1000 0000 0000
0
VINA–VINB
= + VREF – 1 LSB
1111 1111 1111
0
VINA–VINB
≥ + VREF
1111 1111 1111
1
1111 1111 1111
1111 1111 1111
1111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
0000 0000 0001
0000 0000 0000
0000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 31. Output Data Format
Out Of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital out
put that is updated along with the data output corresponding to
the particular sampled analog input voltage. Hence, OTR has
the same pipeline delay (latency) as the digital data. It is LOW
when the analog input voltage is within the analog input range.
It is HIGH when the analog input voltage exceeds the input
range as shown in Figure 32. OTR will remain HIGH until the
analog input returns within the input range and another conver-
sion is completed. By logical ANDing OTR with the MSB and
its complement, overrange high or underrange low conditions
can be detected. Table V is a truth table for the over/underrange
circuit in Figure 33 which uses NAND gates. Systems requiring
programmable gain conditioning of the AD9225 input signal
can immediately detect an out-of-range condition, thus elimi-
nating gain selection iterations. Also, OTR can be used for
digital offset and gain calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com