Electronic Components Datasheet Search
  English  ▼

X  

AD9225ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9225ARS
Description  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9225ARS Datasheet HTML 11Page - Analog Devices AD9225ARS Datasheet HTML 12Page - Analog Devices AD9225ARS Datasheet HTML 13Page - Analog Devices AD9225ARS Datasheet HTML 14Page - Analog Devices AD9225ARS Datasheet HTML 15Page - Analog Devices AD9225ARS Datasheet HTML 16Page - Analog Devices AD9225ARS Datasheet HTML 17Page - Analog Devices AD9225ARS Datasheet HTML 18Page - Analog Devices AD9225ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9225
–15–
REV. A
Figure 24 shows the schematic of the suggested transformer
circuit. The circuit uses a minicircuits RF transformer, model
#T4-1T, which has an impedance ratio of four (turns ratio of
2). The schematic assumes that the signal source has a 50
Ω
source impedance. The 1:4 impedance ratio requires the 200
Ω
secondary termination for optimum power transfer and VSWR.
The center tap of the transformer provides a convenient means
of level-shifting the input signal to a desired common-mode
voltage.
VINA
VINB
AD9225
200
49.9
RS
33
CML
MINICIRCUITS
T4-1T
0.1 F
RS
33
Figure 24. Transformer Coupled Input
This (Figure 24) configuration was used to gather the differen-
tial data on pages 2 and 3.
Transformers with other turns ratios may also be selected to
optimize the performance of a given application. For example, a
given input signal source or amplifier may realize an improve-
ment in distortion performance at reduced output power levels
and signal swings. For example, selecting a transformer with a
higher impedance ratio (e.g., Minicircuits T16-6T with a 1:16
impedance ratio) effectively “steps up” the signal level thus
further reducing the driving requirements of the signal source.
Referring to Figure 24, a series resistors, RS, and shunt capaci-
tor, CS, were inserted between the AD9225 and the secondary
of the transformer. The value of 33
Ω was selected to specifi-
cally optimize both the THD and SNR performance of the A/D.
RS and CS help provide a low-pass filter to block high frequency
noise.
The AD9225 can be easily configured for either a 2 V p-p input
span or 4.0 V p-p input span by setting the internal reference
(see Table II). Other input spans can be realized with two exter-
nal gain setting resistors as shown in Figure 28 of this data
sheet. Figures 25a and 25b demonstrate how both spans of the
AD9225 achieve the high degree of linearity and SFDR over a
wide range of amplitudes required by the most demanding com-
munication applications.
Figures 25a and 25b demonstrate the flexibility of common-
mode voltage (transformer center tap) with respect to THD.
COMMON-MODE VOLTAGE – V
–76
–78
–86
–80
–82
–84
05
1
234
FIN = 10MHz
FIN = 2.5MHz
Figure 25a. Common-Mode Voltage vs. THD
(AIN = 2 V Differential)
COMMON-MODE VOLTAGE – V
–76
–78
–86
–80
–82
–84
0.5
1.0
1.5
FIN = 10MHz
FIN = 2.5MHz
2.0
2.5
3.0
3.5
4.0
4.5
Figure 25b. Common-Mode Voltage vs. THD
(AIN = 4 V Differential)
FUND
2ND
3RD
4TH
–119.7
–110.0
–100.0
–90.0
–80.0
–70.0
–60.0
–50.0
–40.0
–30.0
–20.0
–10.0
0.0
2.0E+6
4.0E+6
6.0E+6
8.0E+6
10.0E+6
12.5E+6
FIN = 2.5MHz
FS = 25MHz
Figure 25c. Single Tone Frequency Domain Plot
Common-Mode Voltage = 2.5 V (AIN = 4 V
Differential)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com