Electronic Components Datasheet Search
  English  ▼

X  

AD9281ARS Datasheet(PDF) 1 Page - Analog Devices

Part # AD9281ARS
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARS Datasheet(HTML) 1 Page - Analog Devices

  AD9281ARS Datasheet HTML 1Page - Analog Devices AD9281ARS Datasheet HTML 2Page - Analog Devices AD9281ARS Datasheet HTML 3Page - Analog Devices AD9281ARS Datasheet HTML 4Page - Analog Devices AD9281ARS Datasheet HTML 5Page - Analog Devices AD9281ARS Datasheet HTML 6Page - Analog Devices AD9281ARS Datasheet HTML 7Page - Analog Devices AD9281ARS Datasheet HTML 8Page - Analog Devices AD9281ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AD9281
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual Channel 8-Bit
Resolution CMOS ADC
FEATURES
Complete Dual Matching ADC
Low Power Dissipation: 225 mW (+3 V Supply)
Single Supply: 2.7 V to 5.5 V
Differential Nonlinearity Error: 0.1 LSB
On-Chip Analog Input Buffers
On-Chip Reference
Signal-to-Noise Ratio: 49.2 dB
Over Seven Effective Bits
Spurious-Free Dynamic Range: –65 dB
No Missing Codes Guaranteed
28-Lead SSOP
FUNCTIONAL BLOCK DIAGRAM
1V
REFERENCE
BUFFER
QREFB
IREFB
QREFT
IREFT
VREF
REFSENSE
IINA
IINB
"I" ADC
QINB
QINA
"Q" ADC
Q
REGISTER
I
REGISTER
THREE-
STATE
OUTPUT
BUFFER
AVDD
AVSS
CLOCK
DVDD
DVSS
SLEEP
SELECT
DATA
8 BITS
CHIP
SELECT
AD9281
ASYNCHRONOUS
MULTIPLEXER
PRODUCT DESCRIPTION
The AD9281 is a complete dual channel, 28 MSPS, 8-bit
CMOS ADC. The AD9281 is optimized specifically for applica-
tions where close matching between two ADCs is required (e.g.,
I/Q channels in communications applications). The 28 MHz
sampling rate and wide input bandwidth will cover both narrow-
band and spread-spectrum channels. The AD9281 integrates
two 8-bit, 28 MSPS ADCs, two input buffer amplifiers, an internal
voltage reference and multiplexed digital output buffers.
Each ADC incorporates a simultaneous sampling sample-and-
hold amplifier at its input. The analog inputs are buffered; no
external input buffer op amp will be required in most applica-
tions. The ADCs are implemented using a multistage pipeline
architecture that offers accurate performance and guarantees no
missing codes. The outputs of the ADCs are ported to a multi-
plexed digital output buffer.
The AD9281 is manufactured on an advanced low cost CMOS
process, operates from a single supply from 2.7 V to 5.5 V, and
consumes 225 mW of power (on 3 V supply). The AD9281
input structure accepts either single-ended or differential signals,
providing excellent dynamic performance up to and beyond
14 MHz Nyquist input frequencies.
PRODUCT HIGHLIGHTS
1. Dual 8-Bit, 28 MSPS ADC
A pair of high performance 28 MSPS ADCs that are opti-
mized for spurious free dynamic performance are provided for
encoding of I and Q or diversity channel information.
2. Low Power
Complete CMOS Dual ADC function consumes a low
225 mW on a single supply (on 3 V supply). The AD9281
operates on supply voltages from 2.7 V to 5.5 V.
3. On-Chip Voltage Reference
The AD9281 includes an on-chip compensated bandgap
voltage reference pin programmable for 1 V or 2 V.
4. On-chip analog input buffers eliminate the need for external
op amps in most applications.
5. Single 8-Bit Digital Output Bus
The AD9281 ADC outputs are interleaved onto a single
output bus saving board space and digital pin count.
6. Small Package
The AD9281 offers the complete integrated function in a
compact 28-lead SSOP package.
7. Product Family
The AD9281 dual ADC is pin compatible with a dual 10-bit
ADC (AD9201).


Similar Part No. - AD9281ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9281ARS AD-AD9281ARS Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281ARSRL AD-AD9281ARSRL Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281ARSZ AD-AD9281ARSZ Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
More results

Similar Description - AD9281ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9201 AD-AD9201 Datasheet
431Kb / 20P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV.D
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Analog Devices
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
Resolution CMOS ADC
REV. F
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com