Electronic Components Datasheet Search
  English  ▼

X  

AD9281ARS Datasheet(PDF) 14 Page - Analog Devices

Part # AD9281ARS
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9281ARS Datasheet HTML 10Page - Analog Devices AD9281ARS Datasheet HTML 11Page - Analog Devices AD9281ARS Datasheet HTML 12Page - Analog Devices AD9281ARS Datasheet HTML 13Page - Analog Devices AD9281ARS Datasheet HTML 14Page - Analog Devices AD9281ARS Datasheet HTML 15Page - Analog Devices AD9281ARS Datasheet HTML 16Page - Analog Devices AD9281ARS Datasheet HTML 17Page - Analog Devices AD9281ARS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD9281
–14–
REV. E
EVALUATION BOARD
The AD9281 evaluation board is shipped “ready to run.”
Power and signal generators should be connected as shown in
Figure 33 Then the user can observe the performance of the Q
channel. If the user wants to observe the I channel, then he
SYNTHESIZER
20MHz
2Vp-p
+5V
DSP
EQUIPMENT
ANTI-
ALIAS
FILTER
+3V
+3V
SYNTHESIZER
1MHz
1Vp-p
AGND
AVDD
DGND1 DVDD DGND2 DRVDD
P1
CLOCK
Q IN
AD9281
Figure 33. Evaluation Board Connections
should install a jumper at JP22 Pins 1 and 2. If the user wants to
toggle between I and Q channels, then a CMOS level pulse train
should be applied to the “strobe” jack after appropriate jumper
connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com