Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrG 4/01/2002
-15-
AD9430
DAC Outputs
Each channel is reconstructed by an on-board dual-channel DAC,
an AD9753. This DAC is intended to assist in debug—it should
not be used to measure the performance of the ADC. It is a current
output DAC with on-board 50
Ω termination resistors. The
figure below is representative of the DAC output with a full-scale
analog input. The scope setting is low bandwidth.
CH1
CH1
M 25.0nS
1
C1 FREQ
10.33592MHz
C1 PK-PK
448mV
2.00mV
248mV
Figure 14. DAC Output
Encode Xtal
An optional xtal oscillator can be placed on the board to serve
as a clock source for the PCB. Power to the xtal is through the
VCLK/VXTAL pin at the power connector. If an oscillator is used,
ensure proper termination for best results. The board has been
tested with a Valpey Fisher VF561 and a Vectron JN00158-163.84.
Test results for the VF561 are shown below.
MHz
0
–30
080
20
40
60
–60
–80
–20
–10
–50
–40
–100
–90
–70
ENCODE 163.84MHz
ANALOG 65.02MHz
SNR 63.93dB
SINAD 63.87dB
FUND –0.45dBFS
2ND –85.62dBc
3RD –91.31dBc
4TH –90.54dBc
5TH –90.56dBc
6TH –91.12dBc
THD –82.21dBc
SFDR 83.93dBc
SAMPLES 8k
NOISEFLR –100.44dBFS
WORSTSP –83.93dBc
Figure 15. FFT—Using VF561 XTAL as Clock Source
Optional Amplifier
The footprint for transformer T2 can be modified to accept a
wideband differential amplifier (AD8350) for low frequency
applications where gain is required. Note that Pin 2 would need
to be lifted and left floating for operation. Input transformer T1
would need to be modified to a 4:1 for impedance matching and
ADC input filtering would enhance performance (see AD8350
data sheet). SNR/SINAD Performance of 61 dB/60 dB is pos-
sible and would start to degrade at about 30 MHz.
CUT TRACE
AD9430
1
CUT TRACE
Figure 16. Using the AD8350 on the AD9430 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com