Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-16-
4/01/2002 REV. PrG
Table III. Evaluation Board Bill of Materials
No.
Qty.
Reference Designator
Device
Package
Value
Comments
1
45
C1, C3–C11, C15–C17,
Capacitor
0603
0.1
µF
C43, C47
C19–C29, C31–C48,
Not Placed
C58–C62
2
0
C2
Capacitor
0603
10 pF
Not Placed
3
0
C12, C13
Capacitor
0603
20 pF
Not Placed
4
1
C14
Capacitor
0603
0.01
µF
5
0
C18
Capacitor
0603
1
µF
6
7
C30, C49, C63–C67
Capacitor
CAPL
10
µF
C30 Not Placed
7
9
E3–E1–E2
3-Pin Header/Jumper
E19–E17–E18
3-Pin Header/Jumper
E13–E11–E12
3-Pin Header/Jumper
E26–E25–E27–E24
4-Pin Header
E46–E47–E45
3-Pin Header/Jumper
E35–E33–E34
3-Pin Header/Jumper
E32–E30–E31
3-Pin Header/Jumper
E29–E23–E28
3-Pin Header/Jumper
E22–E16–E21
3-Pin Header/Jumper
8
5
J1, J2, J3, J4, J5, J6
SMB
SMB
J1 Not Placed
9
2
P3, P23
40-Pin Header
10
3
P4, P21, P22
4-Pin Power Connector
Post
25.531.3425.0
Wieland
Detachable
Connector
25.602.5453.0
Wieland
11
8
R1, R5, R13, R14, R16,
Resistor
0603
50
Ω
R1, R13, R14
Not Placed
R25, R27, R28, R41, R42
12
1
R2, R3, R4
Resistor
0603
3.9 k
Ω
R3, R4 Not Placed
13
8
R6–R8, R10, R15,
Resistor
0603
100
Ω
R15, R21–R24, R38
Not Placed
R21–R24, R33–R36, R38
14
5
R12, R30, R37
Resistor
0603
0
Ω
15
4
R17, R18, R19, R20
Resistor
0603
510
Ω
16
1
R26
Resistor
0603
2 k
Ω
17
1
R29
Resistor
0603
390
Ω
18
7
R31, R32, R39, R40, R43,
Resistor
0603
1 k
Ω
R44, R45
19
4
RZ1, RZ2, RZ3, RZ4
Resistor Pack 220
Ω
SO16RES
742C163221JTR
CTS
20
8
RZ5, RZ6, RZ7, RZ8, RZ9,
Resistor Pack 22
Ω
SO16RES
742C163220JTR
CTS
RZ10, RZ11, RZ12
21
1
T1, T2
Transformer
CD542
Minicircuits
T2 Not Placed
ADT1–1WT
22
1
U1
AD9430BSV
TQFP100
ADC
23
1
U2
MC100LVEL16D
SO8NB
Clock Buffer
24
1
U3
74LCX86
SO14NB
Xor/Buffer
25
4
U4, U5, U6, U7
74LVT574
SO20
Latch
26
1
U9
AD9753AST
LQFP48
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com