Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-18-
4/01/2002 REV. PrG
87
6
5
12
3
4
OPIN B
OPIN B
GND GND
OPTIONAL AMP
AD9430
OPIN
OPIN
GND VAMP
U10
+
+
+
VCC
GND
VDL
GND
DRVDD
GND
C64
10 F
C16
0.1 F
C17
0.1 F
C19
0.1 F
C21
0.1 F
C20
0.1 F
C23
0.1 F
C22
0.1 F
C25
0.1 F
C24
0.1 F
C27
0.1 F
C26
0.1 F
C29
0.1 F
C28
0.1 F
C31
0.1 F
C32
0.1 F
C35
0.1 F
C67
10 F
C44
0.1 F
C42
0.1 F
C41
0.1 F
C15
0.1 F
C37
0.1 F
C65
10 F
C61
0.1 F
C62
0.1 F
C60
0.1 F
C59
0.1 F
C58
0.1 F
C66
10 F
C14
0.01 F
C63
10 F
+
C49
10 F
C48
0.1 F
+
VCLK
GND
VREF
GND
VAMP
GND
R23
100
GND
GND
R15
100
R38
100
1
2
3
E/D
NC
GND
U8
VCC
OUTPUT B
OUTPUT
6
5
4
VCLK
VCLK
GND
R21
100
R22
100
VCLK
GND
P1
P2
R38 FOR
VF561 CRYSTAL
R24
100
OPTIONAL XTAL
RZ12
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
RZ10
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
R8
R7
R6
R5
R4
R3
R2
R1
36
35
34
33
32
31
30
29
28
27
26
25
DYB
DYA
DY0
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
DY10
DY11
VOL
C35
0.1U
GND
DX11
DX10
DX9
DX8
DX7
DX6
DX5
DX4
RZ9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R1
R2
R3
R4
R5
R6
R7
R8
220
DX3
DX2
DX1
DX0
DXA
DXB
RZ11
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R1
R2
R3
R4
R5
R6
R7
R8
220
1
2
3
4
5
6
11
12
9
10
7
8
VOL
C48
0.1U
GND
C45
0.1U
GND
GND
VOL
GND
GND
VOL
GND
GND
R44
1k
E4Z
E40
E41
E39
E37
E38
R45
1k
GND
C33
0.1U
R26
2k
C34
0.1U
GND
VOL
GND
R25
50
GND
R28
50
GND
R30
0
VOL
GND
C38
.1U
GND
J3
J6
R37
0
GND
R43
1k
R31
1k
R32
1k
GND
VOL
DRA
C40
0.1U
AD9430
R8
R7
R6
R5
R4
R3
R2
R1
R29
392
220
220
C18
0.1U
Figure 17b. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com