Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 5 Page - Analog Devices

  AD9632 Datasheet HTML 1Page - Analog Devices AD9632 Datasheet HTML 2Page - Analog Devices AD9632 Datasheet HTML 3Page - Analog Devices AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9631/AD9632
REV. A
–5–
R
F
PULSE
GENERATOR
+V
S
R
L = 100Ω
–V
S
V
IN
V
OUT
0.1
µF
10
µF
AD9632
3
2
7
6
0.1
µF
10
µF
4
T
R/T F = 350ps
R
IN
130
Ω
R
T
49.9
Ω
Figure 9. Noninverting Configuration, G = +2
Figure 10. Large Signal Transient Response; VO = 4 V p-p,
G = +2, RF = RIN = 422 Ω
Figure 11. Small Signal Transient Response;
VO = 400 mV p-p, G = +2, RF = RIN = 274 Ω
100
Ω
R
F
+V
S
R
L = 100Ω
–V
S
V
OUT
0.1
µF
10
µF
AD9632
3
2
7
6
0.1
µF
10
µF
4
T
R/TF = 350ps
V
IN
PULSE
GENERATOR
130
Ω
R
T
49.9
Ω
Figure 12. Inverting Configuration, G= –1
Figure 13. Large Signal Transient Response; VO = 4 V p-p,
G = –1, RF = RIN = 422 Ω, RT = 56.2 Ω
Figure 14. Small Signal Transient Response;
VO = 400 mV p-p, G = –1, RF = RIN = 267 Ω,
RT = 61.9 Ω
AD9632–Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com