Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9632 Datasheet HTML 12Page - Analog Devices AD9632 Datasheet HTML 13Page - Analog Devices AD9632 Datasheet HTML 14Page - Analog Devices AD9632 Datasheet HTML 15Page - Analog Devices AD9632 Datasheet HTML 16Page - Analog Devices AD9632 Datasheet HTML 17Page - Analog Devices AD9632 Datasheet HTML 18Page - Analog Devices AD9632 Datasheet HTML 19Page - Analog Devices AD9632 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD9631/AD9632
REV. A
–17–
R
F
R
O
IN
+V
S
–V
S
R
S
R
T
R
G
OUT
C1
1000pF
C3
0.1
µF
C5
10
µF
C2
1000pF
C4
0.1
µF
C6
10
µF
+V
S
–V
S
OPTIONAL
R
F
R
O
IN
+V
S
–V
S
R
T
R
G
OUT
R
S
Inverting Configuration
Noninverting Configuration
Supply Bypassing
Figure 65. Inverting and Noninverting Configurations for
Evaluation Boards
Table I.
AD9631A
AD9632A
Gain
Gain
Component
–1
+1
+2
+10
+100
–1
+2
+10
+100
RF
274
Ω
140
Ω
274
Ω
2 k
Ω
2 k
Ω
274
Ω
274
Ω
2 k
Ω
2 k
Ω
RG
274
Ω
274
Ω
221
Ω
20.5
Ω
274
Ω
274
Ω
221
Ω
20.5
Ω
RO (Nominal)
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
100
Ω
100
Ω
49.9
Ω
49.9
Ω
RS
100
Ω
130
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
RT (Nominal)
61.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
61.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
Small Signal
BW (MHz)
90
320
90
10
1.3
250
250
20
3
Layout Considerations
The specified high speed performance of the AD9631 and
AD9632 requires careful attention to board layout and compo-
nent selection. Proper RF design techniques and low pass para-
sitic component selection are mandatory.
The PCB should have a ground plane covering all unused por-
tions of the component side of the board to provide a low im-
pedance path. The ground plane should be removed from the
area near the input pins to reduce stray capacitance.
Chip capacitors should be used for the supply bypassing (see
Figure 64). One end should be connected to the ground plane
and the other within 1/8 inch of each power pin. An additional
large (0.47
µF–10 µF) tantalum electrolytic capacitor should be
connected in parallel, though not necessarily so close, to supply
current for fast, large signal changes at the output.
The feedback resistor should be located close to the inverting
input pin in order to keep the stray capacitance at this node to a
minimum. Capacitance variations of less than 1 pF at the in-
verting input will significantly affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about 1 inch). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly termi-
nated at each end.
Evaluation Board
An evaluation board for both the AD9631 and AD9632 is avail-
able that has been carefully laid out and tested to demonstrate
that the specified high speed performance of the device can be
realized. For ordering information, please refer to the Ordering
Guide.
The layout of the evaluation board can be used as shown or
serve as a guide for a board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com