Electronic Components Datasheet Search
  English  ▼

X  

AD9632 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9632
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9632 Datasheet HTML 4Page - Analog Devices AD9632 Datasheet HTML 5Page - Analog Devices AD9632 Datasheet HTML 6Page - Analog Devices AD9632 Datasheet HTML 7Page - Analog Devices AD9632 Datasheet HTML 8Page - Analog Devices AD9632 Datasheet HTML 9Page - Analog Devices AD9632 Datasheet HTML 10Page - Analog Devices AD9632 Datasheet HTML 11Page - Analog Devices AD9632 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9631/AD9632
REV. A
–8–
7
2
–3
1M
10M
1G
100M
1
0
–1
–2
3
4
5
6
RF
325
RF
425
RF
125
RF
225
FREQUENCY – Hz
VS = ±5V
RL = 100Ω
VO = 300mV p-p
Figure 27. AD9632 Small Signal Frequency Response,
G = +2
0.1
–0.4
–0.9
1M
10M
100M
–0.5
–0.6
–0.7
–0.8
–0.3
–0.2
–0.1
0
RF
375
RF
425
RF
275
RF
325
FREQUENCY – Hz
VS = ±5V
RL = 100Ω
G = +2
VO = 300mV p-p
Figure 28. AD9632 0.1 dB Flatness, N Package
(for R Package Add 20
Ω to R
F)
65
25
–15
10k
100k
1G
100M
10M
1M
35
45
55
–5
5
15
FREQUENCY – Hz
60
20
30
40
50
–10
0
10
–50
–250
0
50
100
–200
–150
–100
GAIN
PHASE
Figure 29. AD9632 Open-Loop Gain and Phase Margin vs.
Frequency, RL = 100 Ω
200
150
100
250
300
350
550
500
450
400
350
300
250
200
150
VALUE OF RF,RIN – Ω
N PACKAGE
R PACKAGE
VS = ±5V
RL = 100Ω
GAIN = +2
RF
AD9632
RL
RIN
100
Ω
49.9
Ω
Figure 30. AD9632 Small Signal –3 dB Bandwidth
vs. RF, RIN
7
2
–3
1M
10M
500M
100M
1
0
–1
–2
3
4
5
6
FREQUENCY – Hz
RF
525
RF 125Ω
TO
525
Ω
BY
100
Ω
VS = ±5V
VO = 4V p-p
RL = 100Ω
Figure 31. AD9632 Large Signal Frequency Response,
G = +2
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
VS = ±5V
RL = 100Ω
VO = 300mV p-p
RF, RIN
267
Ω
Figure 32. AD9632 Small Signal Frequency Response,
G = –1
AD9632–Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com