Electronic Components Datasheet Search
  English  ▼

X  

B5245 Datasheet(PDF) 1 Page - EPCOS

Part # B5245
Description  Low-loss IF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5245 Datasheet(HTML) 1 Page - EPCOS

  B5245 Datasheet HTML 1Page - EPCOS B5245 Datasheet HTML 2Page - EPCOS B5245 Datasheet HTML 3Page - EPCOS B5245 Datasheet HTML 4Page - EPCOS B5245 Datasheet HTML 5Page - EPCOS B5245 Datasheet HTML 6Page - EPCOS B5245 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© EPCOS AG 2011. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW IF filter
Clean up filter
Series/type:
Ordering code:
B5245
B39121B5245H310
Date:
Version:
Jul 27, 2011
2.0


Similar Part No. - B5245

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
SAW IF filter W-CDMA
logo
Systemsensor advanced i...
B524BI SYSTEMSENSOR-B524BI Datasheet
112Kb / 2P
Intelligent Relay and Isolator Bases
B524BI SYSTEMSENSOR-B524BI Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
B524BIA SYSTEMSENSOR-B524BIA Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
logo
Crydom Inc.,
B524F-2T CRYDOM-B524F-2T Datasheet
802Kb / 5P
Eight Circuits to Choose from
More results

Similar Description - B5245

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
805-RF246.0M-A OSCILENT-805-RF246.0M-A Datasheet
256Kb / 2P
Low Loss IF SAW Filter
813-SL70.0M-09 OSCILENT-813-SL70.0M-09 Datasheet
229Kb / 2P
Low-Loss IF SAW Filter
logo
EPCOS
B5233 EPCOS-B5233 Datasheet
64Kb / 7P
Low-loss IF filter for GSM applications
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
Wide band, low-loss IF filter for LTE
logo
TAI-SAW TECHNOLOGY CO.,...
TB0193A TAI-SAW-TB0193A Datasheet
422Kb / 5P
Low Loss 70MHz SAW IF Filter (BW=7MHz)
logo
Oscilent Corporation
813-SL75.0M-30 OSCILENT-813-SL75.0M-30 Datasheet
215Kb / 4P
Low-Loss 75MHz IF SAW Filter
813-SL125.0M-28 OSCILENT-813-SL125.0M-28_14 Datasheet
121Kb / 4P
Low-Loss 125MHz IF SAW Filter 28.5MHz Bandwidth
813-SL140.0M-28 OSCILENT-813-SL140.0M-28_14 Datasheet
122Kb / 4P
Low-Loss 140MHz IF SAW Filter 28.0MHz Bandwidth
logo
Golledge Electronics Lt...
MA05394 GOLLEDGE-MA05394 Datasheet
93Kb / 3P
70 MHz IF SAW Filter - Low loss
MA04600 GOLLEDGE-MA04600 Datasheet
88Kb / 3P
IF SAW Filter 70MHz Low loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com