Electronic Components Datasheet Search
  English  ▼

X  

B5245 Datasheet(PDF) 3 Page - EPCOS

Part # B5245
Description  Low-loss IF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5245 Datasheet(HTML) 3 Page - EPCOS

  B5245 Datasheet HTML 1Page - EPCOS B5245 Datasheet HTML 2Page - EPCOS B5245 Datasheet HTML 3Page - EPCOS B5245 Datasheet HTML 4Page - EPCOS B5245 Datasheet HTML 5Page - EPCOS B5245 Datasheet HTML 6Page - EPCOS B5245 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jul 27, 2011
B5245
122.88 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =
100
Ω and matching network
Terminating load impedance:
ZL =
400
Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
122.88
—
MHz
Insertion attenuation at fN
(T= 25˚C)
α
n
5.5
6.2
7.5
dB
Variation of insertion attenuation
in [-40 ˚C , 85˚C]
——
± 0.9
dB
Passband width
α
rel < 1.0 dB
Β
1.0dB
0.1
0.49
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 0.05 MHz
—
0.2
0.5
dB
Group Delay ripple (p-p)
∆τ
fN ± 0.05 MHz
—
30
100
ns
Average Group Delay
τ
mean
fN ± 0.05 MHz
—
1.04
1.08
µs
Relative attenuation (relative to
α
min)
α
rel
fN - 100.00 MHz ... fN - 10.000 MHz
40
48
—
dB
fN - 10.000 MHz ... fN - 3.0000 MHz
35
40
—
dB
fN - 1.000 MHz ... fN - 0.8000 MHz
10
15
—
dB
fN + 0.8000 MHz ... fN + 1.0000 MHz
10
15
—
dB
fN + 3.0000 MHz ... fN + 10.000 MHz
35
41
—
dB
fN + 10.000 MHz ... fN + 100.00 MHz
40
50
—
dB
Temperature coefficient of frequency1)
1) Temperature dependance of f
c:
fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
—
-0.036
—
ppm/K2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com