Electronic Components Datasheet Search
  English  ▼

X  

B5245 Datasheet(PDF) 4 Page - EPCOS

Part # B5245
Description  Low-loss IF filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5245 Datasheet(HTML) 4 Page - EPCOS

  B5245 Datasheet HTML 1Page - EPCOS B5245 Datasheet HTML 2Page - EPCOS B5245 Datasheet HTML 3Page - EPCOS B5245 Datasheet HTML 4Page - EPCOS B5245 Datasheet HTML 5Page - EPCOS B5245 Datasheet HTML 6Page - EPCOS B5245 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jul 27, 2011
B5245
122.88 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 100
Ω Input balanced - 400 Ω Output balanced
(matching element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
10
dBm
Cp1 =
27 pF
Ls1 =
91 nH
Cp2 =
15 pF
Ls2 =
110 nH
Cp1
Ls1
Ls1
Ls2
Ls2
Cp2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com