Electronic Components Datasheet Search
  English  ▼

X  

AD9696 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9696
Description  Ultrafast TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9696 Datasheet(HTML) 7 Page - Analog Devices

  AD9696 Datasheet HTML 1Page - Analog Devices AD9696 Datasheet HTML 2Page - Analog Devices AD9696 Datasheet HTML 3Page - Analog Devices AD9696 Datasheet HTML 4Page - Analog Devices AD9696 Datasheet HTML 5Page - Analog Devices AD9696 Datasheet HTML 6Page - Analog Devices AD9696 Datasheet HTML 7Page - Analog Devices AD9696 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD9696/AD9698
–7–
REV. B
2
AD9696
–IN
+IN
+VS
1– 40MHz
LATCH
ENABLE
+
–
OSCILLATOR
OUTPUT
GROUND
QOUT
2k
Ω
+VS
0.1µF
(220pF for Freq. > 10MHz)
0.1µF
FOR USE WITH
OVERTONE
CRYSTAL
(VALUE
DEPENDS
ON FREQ.)
3
1
5
7
8
4
6
2k
Ω
2k
Ω
QOUT
–VS
Figure 2. AD9696 Oscillator Circuit (Based on DIP Pinouts)
When generating frequencies using a nonfundamental mode
crystal, a choke and dc blocking capacitor are added. As an ex-
ample, a 36 MHz oscillator can be achieved by using a 12 MHz
crystal operating on its third overtone. To suppress oscillation at
the 12 MHz fundamental, the value of the choke is chosen to
provide a low reactive impedance at the fundamental frequency
while maintaining a high reactive impedance at the desired out-
put frequency (for 36 MHz operation, L = 1.8
µH). The shunt
capacitor at the inverting input has a value of 220 pF for a stable
36 MHz frequency.
LAYOUT CONSIDERATIONS
When working with high speed circuits, proper layout is critical.
Analog signal paths should be kept as short as possible and be
properly terminated to avoid reflections. In addition, digital sig-
nal paths should be kept short, and run lengths should be mat-
ched to avoid propagation delay mismatch. All analog signals
should be kept as far away from digital signal paths as possible;
this reduces the amount of digital switching noise that might be
capacitively coupled into the analog section of the circuit.
In high speed circuits, layout of the ground circuit is the most
important factor. A single, low impedance ground plane, on the
component side of the board, will reduce noise in the circuit
ground. It is especially important to maintain continuity of the
ground plane under and around the AD9696 or AD9698.
Sockets limit the dynamic performance of the device and should
be used only for prototypes or evaluation.
8
7
6
5
4
3
2
1
AD9696
(8-PIN DIP)
0.1µF
0.1µF
AD1
AD2
GND
RESISTORS ARE 1k
Ω ±5%
– VS
+VS
5µs
–0.9V
AD1
AD2
–0.9 V
–1.7V
–1.7V
Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com