Electronic Components Datasheet Search
  English  ▼

X  

AD9696 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9696
Description  Ultrafast TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9696 Datasheet(HTML) 3 Page - Analog Devices

  AD9696 Datasheet HTML 1Page - Analog Devices AD9696 Datasheet HTML 2Page - Analog Devices AD9696 Datasheet HTML 3Page - Analog Devices AD9696 Datasheet HTML 4Page - Analog Devices AD9696 Datasheet HTML 5Page - Analog Devices AD9696 Datasheet HTML 6Page - Analog Devices AD9696 Datasheet HTML 7Page - Analog Devices AD9696 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
0 C to +70 C
–55 C to +125 C
AD9696/AD9698
AD9696/AD9698
Test
KN/KQ/KR
TQ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
6
Positive Supply Current
7
(+5.0 V)
AD9696
Full
VI
26
32
26
32
mA
AD9698
Full
VI
52
64
52
64
mA
Negative Supply Current
8
(–5.2 V)
AD9696
Full
VI
2.5
4.0
2.5
4.0
mA
AD9698
Full
VI
5.0
8.0
5.0
8.0
mA
Power Dissipation
AD9696 +5.0 V
Full
V
130
130
mW
AD9696
±5.0 V
Full
V
146
146
mW
AD9698 +5.0 V
Full
V
260
260
mW
AD9698
±5.0 V
Full
V
292
292
mW
Power Supply Rejection Ratio
9
+25
°CVI
70
70
dB
Full
VI
65
65
dB
NOTES
1Absolute maximum ratings are limiting values, to be applied individually,
and beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances:
AD9696 Metal Can
θ
JA = 170°C/W
θ
JC = 50°C/W
AD9696 Ceramic DIP
θ
JA = 110°C/W
θ
JC = 20°C/W
AD9696 Plastic DIP
θ
JA = 160°C/W
θ
JC = 30°C/W
AD9696 Plastic SOIC
θ
JA = 180°C/W
θ
JC = 30°C/W
AD9698 Ceramic DIP
θ
JA = 90°C/W
θ
JC = 25°C/W
AD9698 Plastic DIP
θ
JA = 100°C/W
θ
JC = 20°C/W
AD9698 Plastic SOIC
θ
JA = 120°C/W
θ
JC = 20°C/W
3Load circuit has 420
Ω from +V
S to output; 460 Ω from output to ground.
4R
S ≤100 Ω.
5Propagation delays measured with 100 mV pulse; 10 mV overdrive.
6Supply voltages should remain stable within
±5% for normal operation.
7Specification applies to both +5 V and
±5 V supply operation.
8Specification applies to only
±5 V supply operation.
9Measured with nominal values
±5% of +V
S and –VS.
10Although fall time is faster than rise time, the complementary outputs cross at
midpoint of logic swing because of delay on start of falling edge.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II
– 100% production tested at +25
°C, and sample tested at
specified temperatures.
III
– Sample tested only.
IV
– Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI
– All devices are 100% production tested at +25
°C.
100% production tested at temperature extremes for
extended temperature devices; sample tested at temp-
erature extremes for commercial/industrial devices.
ORDERING GUIDE
Package
Model
Package
Temperature
Option
1
AD9696KN
Plastic DIP
0
°C to +70°C
N-8
AD9696KR
SOIC
0
°C to +70°C
R-8
AD9696KQ
Cerdip
0
°C to +70°C
Q-8
AD9696TQ
Cerdip
–55
°C to +125°C Q-8
AD9696TZ/883B
2
Gullwing
–55
°C to +125°C Z-8A
AD9698KN
Plastic DIP
0
°C to +70°C
N-16
AD9698KR
SOIC
0
°C to +70°C
R-16A
AD9698KQ
Cerdip
0
°C to +70°C
Q-16
AD9698TQ
Cerdip
–55
°C to +125°C Q-16
AD9698TZ/883B
3
Gullwing
–55
°C to +125°C Z-16
NOTES
1N = Plastic DIP, Q = Cerdip, R = Small Outline (SOIC), Z = Ceramic Leaded
Chip Carrier.
2Refer to AD9696TZ/883B military data sheet.
3Refer to AD9698TZ/883B military data sheet.
AD9696/AD9698
–3–
REV. B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com