Electronic Components Datasheet Search
  English  ▼

X  

AD9709 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9709
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9709 Datasheet HTML 4Page - Analog Devices AD9709 Datasheet HTML 5Page - Analog Devices AD9709 Datasheet HTML 6Page - Analog Devices AD9709 Datasheet HTML 7Page - Analog Devices AD9709 Datasheet HTML 8Page - Analog Devices AD9709 Datasheet HTML 9Page - Analog Devices AD9709 Datasheet HTML 10Page - Analog Devices AD9709 Datasheet HTML 11Page - Analog Devices AD9709 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
REV. 0
AD9709
–8–
fCLK – MSPS
40
20
140
40
60
80
100
120
55
60
65
IOUTFS = 5mA
70
45
50
0
IOUTFS = 10mA
IOUTFS = 20mA
Figure 12. SINAD vs. fCLOCK and IOUTFS
@ fOUT = 5 MHz and 0 dBFS
TEMPERATURE – C
70
65
–30
–10
70
50
60
55
50
30
10
45
90
–50
75
fOUT = 10MHz
fOUT = 25MHz
fOUT = 40MHz
fOUT = 60MHz
Figure 15. SFDR vs. Temperature @
fCLK = 125 MSPS, 0 dBFS
FREQUENCY – MHz
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
30
50
60
Figure 18. Dual-Tone SFDR @
fCLK = 125 MSPS
CODE
–0.01
0
50
0.01
0
0.07
0.06
0.05
0.04
0.03
0.02
100
150
200
250
Figure 14. Typical DNL
FREQUENCY – MHz
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
30
60
50
Figure 17. Single-Tone SFDR @
fCLK = 125 MSPS
CODE
–0.1
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
256
224
192
160
128
96
64
32
Figure 13. Typical INL
TEMPERATURE – C
0.05
–0.05
–40
–20
0
204060
80
0.03
0.00
–0.03
GAIN ERROR
OFFSET ERROR
1.0
–1.0
5
0.5
0.0
–0.5
Figure 16. Gain and Offset Error vs.
Temperature @ fCLK = 125 MSPS
FREQUENCY – MHz
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
30
60
50
Figure 19. Four-Tone SFDR @
fCLK = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com