Electronic Components Datasheet Search
  English  ▼

X  

AD9709 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9709
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9709 Datasheet HTML 7Page - Analog Devices AD9709 Datasheet HTML 8Page - Analog Devices AD9709 Datasheet HTML 9Page - Analog Devices AD9709 Datasheet HTML 10Page - Analog Devices AD9709 Datasheet HTML 11Page - Analog Devices AD9709 Datasheet HTML 12Page - Analog Devices AD9709 Datasheet HTML 13Page - Analog Devices AD9709 Datasheet HTML 14Page - Analog Devices AD9709 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
REV. 0
AD9709
–11–
Performing a differential-to-single-ended conversion via a trans-
former also provides the ability to deliver twice the reconstructed
signal power to the load (i.e., assuming no source termination).
Since the output currents of IOUTA and IOUTB are complementary,
they become additive when processed differentially. A prop-
erly selected transformer will allow the AD9709 to provide the
required power and voltage levels to different loads.
The output impedance of IOUTA and IOUTB is determined by the
equivalent parallel combination of the PMOS switches associ-
ated with the current sources and is typically 100 k
Ω in parallel
with 5 pF. It is also slightly dependent on the output voltage
(i.e., VOUTA and VOUTB) due to the nature of a PMOS device.
As a result, maintaining IOUTA and/or IOUTB at a virtual ground
via an I-V op amp configuration will result in the optimum dc
linearity. Note the INL/DNL specifications for the AD9709 are
measured with IOUTA maintained at a virtual ground via an op amp.
IOUTA and IOUTB also have a negative and positive voltage com-
pliance range that must be adhered to in order to achieve opti-
mum performance. The negative output compliance range of
–1.0 V is set by the breakdown limits of the CMOS process.
Operation beyond this maximum limit may result in a break-
down of the output stage and affect the reliability of the AD9709.
The positive output compliance range is slightly dependent on
the full-scale output current, IOUTFS. It degrades slightly from its
nominal 1.25 V for an IOUTFS = 20 mA to 1.00 V for an IOUTFS =
2 mA. The optimum distortion performance for a single-ended
or differential output is achieved when the maximum full-scale
signal at IOUTA and IOUTB does not exceed 0.5 V. Applications
requiring the AD9709’s output (i.e., VOUTA and/or VOUTB) to
extend its output compliance range should size RLOAD accord-
ingly. Operation beyond this compliance range will adversely
affect the AD9709’s linearity performance and subsequently
degrade its distortion performance.
DIGITAL INPUTS
The AD9709’s digital inputs consists of two independent chan-
nels. For the dual port mode, each DAC has its own dedicated
8-bit data port, WRT line and CLK line. In the interleaved
timing mode, the function of the digital control pins changes
as described below under the Interleaved Mode Timing section.
The 8-bit parallel data inputs follow straight binary coding
where DB7 is the most significant bit (MSB) and DB0 is the
least significant bit (LSB). IOUTA produces a full-scale output
current when all data bits are at Logic 1. IOUTB produces a
complementary output with the full-scale current split between
the two outputs as a function of the input code.
The digital interface is implemented using an edge-triggered
master slave latch. The DAC outputs are updated following
either the rising edge, or every other rising edge of the clock,
depending on whether dual or interleaved mode is being used.
The DAC outputs are designed to support a clock rate as high
as 125 MSPS. The clock can be operated at any duty cycle that
meets the specified latch pulsewidth. The setup and hold times
can also be varied within the clock cycle as long as the specified
minimum times are met, although the location of these transition
edges may affect digital feedthrough and distortion perfor-
mance. Best performance is typically achieved when the input
data transitions on the falling edge of a 50% duty cycle clock.
DAC TIMING
The AD9709 can operate in two timing modes, dual and inter-
leaved, which are described below. The block diagram in Figure
25 represents the latch architecture in the interleaved timing mode.
DUAL PORT MODE TIMING
When the mode pin is at Logic 1, the AD9709 operates in dual
port mode. The AD9709 functions as two distinct DACs. Each
DAC has its own completely independent digital input and con-
trol lines.
The AD9709 features a double buffered data path. Data enters
the device through the channel input latches. This data is then
transferred to the DAC latch in each signal path. Once the data
is loaded into the DAC latch, the analog output will settle to its
new value.
For general consideration, the WRT lines control the channel
input latches and the CLK lines control the DAC latches. Both
sets of latches are updated on the rising edge of their respective
control signals.
The rising edge of CLK should occur before or simultaneously
with the rising edge of WRT. Should the rising edge of CLK
occur after the rising edge of WRT, a 2 ns minimum delay should
be maintained from rising edge of WRT to rising edge of CLK.
WRT1/WRT2
CLK1/CLK2
DATA IN
IOUTA
OR
IOUTB
tLPW
tPD
tS
tH
tCPW
Figure 23. Dual Mode Timing
Timing specifications for dual port mode are given in Figures 23
and 24.
D1
D2
D3
D4
D5
DATAIN
WRT1/WRT2
CLK1/CLK2
xx
D1
D2
D3
D4
IOUTA
OR
IOUTB
Figure 24. Dual Mode Timing
INTERLEAVED MODE TIMING
When the mode pin is at Logic 0, the AD9709 operates in inter-
leaved mode. WRT1 now functions as IQWRT and CLK1
functions as IQCLK. WRT2 functions as IQSEL and CLK2
functions as IQRESET.
Data enters the device on the rising edge of IQWRT. The logic
level of IQSEL will steer the data to either Channel Latch 1
(IQSEL = 1) or to Channel Latch 2 (IQSEL = 0). Note: For
proper operation, IQSEL should only change state when IQWRT
and IQCLK are low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com