Electronic Components Datasheet Search
  English  ▼

X  

AD9709 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9709
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9709 Datasheet HTML 12Page - Analog Devices AD9709 Datasheet HTML 13Page - Analog Devices AD9709 Datasheet HTML 14Page - Analog Devices AD9709 Datasheet HTML 15Page - Analog Devices AD9709 Datasheet HTML 16Page - Analog Devices AD9709 Datasheet HTML 17Page - Analog Devices AD9709 Datasheet HTML 18Page - Analog Devices AD9709 Datasheet HTML 19Page - Analog Devices AD9709 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
REV. 0
AD9709
–16–
APPLICATIONS
Using the AD9709 for Quadrature Amplitude Modulation
QAM is one of the most widely used digital modulation schemes
in digital communications systems. This modulation technique
can be found in FDM as well as spread spectrum (i.e., CDMA)
based systems. A QAM signal is a carrier frequency that is
modulated in both amplitude (i.e., AM modulation) and phase
(i.e., PM modulation). It can be generated by independently
modulating two carriers of identical frequency but with a 90
°
phase difference. This results in an in-phase (I) carrier compo-
nent and a quadrature (Q) carrier component at a 90
° phase
shift with respect to the I component. The I and Q components
are then summed to provide a QAM signal at the specified car-
rier frequency.
Σ
DAC
CARRIER
FREQUENCY
8
8
TO
MIXER
NYQUIST
FILTERS
QUADRATURE
MODULATOR
DAC
DSP
OR
ASIC
0
90
Figure 40. Typical Analog QAM Architecture
A common and traditional implementation of a QAM modula-
tor is shown in Figure 40. The modulation is performed in the
analog domain in which two DACs are used to generate the
baseband I and Q components. Each component is then typically
applied to a Nyquist filter before being applied to a quadrature
mixer. The matching Nyquist filters shape and limit each com-
ponents spectral envelope while minimizing intersymbol inter-
ference. The DAC is typically updated at the QAM symbol rate
or possibly a multiple of it if an interpolating filter precedes
the DAC. The use of an interpolating filter typically eases the
implementation and complexity of the analog filter, which can
be a significant contributor to mismatches in gain and phase
between the two baseband channels. A quadrature mixer modu-
lates the I and Q components with the in-phase and quadrature
carrier frequency and then sums the two outputs to provide the
QAM signal.
In this implementation, it is much more difficult to maintain
proper gain and phase matching between the I and Q channels.
The circuit implementation shown in Figure 41 helps improve
upon the matching between the I and Q channels, as well as
showing a path for up-conversion using the AD8346 quadrature
modulator. The AD9709 provides both I and Q DACs as well as
a common reference that will improve the gain matching and
stability. RCAL can be used to compensate for any mismatch in
gain between the two channels. The mismatch may be attributed
to the mismatch between RSET1 and RSET2, effective load resis-
tance of each channel, and/or the voltage offset of the control
amplifier in each DAC. The differential voltage outputs of both
DACs in the AD9709 are fed into the respective differential
inputs of the AD8346 via matching networks.
I and Q digital data can be fed into the AD9709 in two different
ways. In dual port mode, The digital I information drives one
input port, while the digital Q information drives the other input
port. If no interpolation filter precedes the DAC, the symbol
rate will be the rate at which the system clock drives the CLK
and WRT pins on the AD9709. In interleaved mode, the digital
input stream at Port I contains the I and the Q information in
alternating digital words. Using IQSEL and IQRESET, the
AD9709 can be synchronized to the I and Q data stream. The
internal timing of the AD9709 routes the selected I and Q data
to the correct DAC output. In interleaved mode, if no inter-
polation filter precedes the AD9709, the symbol rate will be
half that of the system clock driving the digital datastream and
the IQWRT and IQCLK pins on the AD9709.
IOUTA
IOUTB
QOUTA
QOUTB
RB
RA
VMOD
AVDD
RL
AD8346
AD976x
0 TO IOUTFS
VDAC
DCOM
FSADJI
REFIO
SLEEP
RSET
3.9k
0.1 F
DVDD
AVDD
CA
0.1 F
VPBF
BBIP
BBIN
BBQP
BBQN
AD8346
LOIP
LOIN
VOUT
IQWRT
IQCLK
ACOM
AD9709
“I”
DAC
RL
LA
RL
CB
LA
RL
RB
RB
RL
RA
RA
AVDD
RL
CA
RL
LA
RL
CB
LA
RB
RB
RL
RA
RA
CFILTER
DIFFERENTIAL
RLC FILTER
VDIFF = 1.82V p-p
“Q”
DAC
LATCH
PHASE
SPLITTER
ROHDE &
SCHWARZ
FSEA30B
SPECTRUM
ANALYZER
ROHDE &
SCHWARZ
SIGNAL
GENERATOR
PORT I
PORT Q
TEKTRONICS
AWG2021
W/OPTION 4
D
I
G
I
T
A
L
I
N
T
E
R
F
A
C
E
IQSEL
FSADJQ
RSET
3.9k
MODE
CB = 45pF
LA = 10 H
IOUTFS = 11mA
AVDD = 5.0V
VCM = 1.2V
NOTE:
RL = 200
RA = 2500
RB = 500
RP = 200
CA = 280pF
“Q”
DAC
“I”
DAC
LATCH
NOTE: DACs Full-Scale OUTPUT CURRENT = IOUTFS
RA, RB AND RL ARE THIN FILM RESISTOR NETWORKSWITH
0.1% MATCHING, 1% ACCURACY.
AVAILABLE FROM OHMTEK ORNXXXXD SERIES.
Figure 41. Baseband QAM Implementation Using an AD9709 and AD8346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com