Electronic Components Datasheet Search
  English  ▼

X  

AD9709-EB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9709-EB
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709-EB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9709-EB Datasheet HTML 10Page - Analog Devices AD9709-EB Datasheet HTML 11Page - Analog Devices AD9709-EB Datasheet HTML 12Page - Analog Devices AD9709-EB Datasheet HTML 13Page - Analog Devices AD9709-EB Datasheet HTML 14Page - Analog Devices AD9709-EB Datasheet HTML 15Page - Analog Devices AD9709-EB Datasheet HTML 16Page - Analog Devices AD9709-EB Datasheet HTML 17Page - Analog Devices AD9709-EB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
REV. 0
AD9709
–14–
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropriately
sized load resistor, RLOAD, referred to ACOM. This configuration
may be more suitable for a single-supply system requiring a dc-
coupled, ground referred output voltage. Alternatively, an
amplifier could be configured as an I-V converter, thus converting
IOUTA or IOUTB into a negative unipolar voltage. This configuration
provides the best dc linearity since IOUTA or IOUTB is maintained at
a virtual ground. Note that IOUTA provides slightly better perfor-
mance than IOUTB.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion as shown in Figure 33. A
differentially coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s passband. An RF transformer such
as the Mini-Circuits T1-1T provides excellent rejection of
common-mode distortion (i.e., even-order harmonics) and
noise over a wide frequency range. It also provides electrical
isolation and the ability to deliver twice the power to the load.
Transformers with different impedance ratios may also be used
for impedance matching purposes. Note that the transformer
provides ac coupling only.
RLOAD
AD9709
MINI-CIRCUITS
T1-1T
OPTIONAL
RDIFF
IOUTA
IOUTB
Figure 33. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages appearing
at IOUTA and IOUTB (i.e., VOUTA and VOUTB) swing symmetrically
around ACOM and should be maintained with the specified
output compliance range of the AD9709. A differential resistor,
RDIFF, may be inserted in applications where the output of the
transformer is connected to the load, RLOAD, via a passive
reconstruction filter or cable. RDIFF is determined by the
transformer’s impedance ratio and provides the proper source
termination that results in a low VSWR. Note that approximately
half the signal power will be dissipated across RDIFF.
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential to single-
ended conversion as shown in Figure 34. The AD9709 is
configured with two equal load resistors, RLOAD, of 25
Ω. The
differential voltage developed across IOUTA and IOUTB is converted
to a single-ended signal via the differential op amp configuration.
An optional capacitor can be installed across IOUTA and IOUTB,
forming a real pole in a low-pass filter. The addition of this
capacitor also enhances the op amps distortion performance by
preventing the DACs high-slewing output from overloading the
op amp’s input.
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differen-
tial op amp circuit using the AD8047 is configured to provide
some additional signal gain. The op amp must operate off of a
dual supply since its output is approximately
±1.0 V. A high-
speed amplifier capable of preserving the differential performance
of the AD9709 while meeting other system level objectives (i.e.,
cost, power) should be selected. The op amp’s differential gain,
its gain setting resistor values, and full-scale output swing capa-
bilities should all be considered when optimizing this circuit.
The differential circuit shown in Figure 35 provides the necessary
level-shifting required in a single supply system. In this case,
AVDD which is the positive analog supply for both the AD9709
and the op amp is also used to level-shift the differential output
of the AD9709 to midsupply (i.e., AVDD/2). The AD8041 is a
suitable op amp for this application.
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 36 shows the AD9709 configured to provide a unipolar
output range of approximately 0 V to 0.5 V for a doubly termi-
nated 50
Ω cable since the nominal full-scale current, I
OUTFS, of
20 mA flows through the equivalent RLOAD of 25
Ω. In this case,
RLOAD represents the equivalent load resistance seen by IOUTA or
IOUTB. The unused output (IOUTA or IOUTB) can be connected to
ACOM directly or via a matching RLOAD. Different values of
IOUTFS and RLOAD can be selected as long as the positive compli-
ance range is adhered to. One additional consideration in this
mode is the integral nonlinearity (INL) as discussed in the
Analog Output section of this data sheet. For optimum INL
performance, the single-ended, buffered voltage output configu-
ration is suggested.
AD9709
500
225
225
500
25
25
AD8047
COPT
IOUTA
IOUTB
Figure 34. DC Differential Coupling Using an Op Amp
AD9709
IOUTA
IOUTB
COPT
500
225
225
500
25
25
AD8041
1k
AVDD
Figure 35. Single Supply DC Differential Coupled Circuit
AD9709
50
IOUTA
IOUTB
Figure 36. 0 V to 0.5 V Unbuffered Voltage Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com