Electronic Components Datasheet Search
  English  ▼

X  

AD9709-EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9709-EB
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709-EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9709-EB Datasheet HTML 13Page - Analog Devices AD9709-EB Datasheet HTML 14Page - Analog Devices AD9709-EB Datasheet HTML 15Page - Analog Devices AD9709-EB Datasheet HTML 16Page - Analog Devices AD9709-EB Datasheet HTML 17Page - Analog Devices AD9709-EB Datasheet HTML 18Page - Analog Devices AD9709-EB Datasheet HTML 19Page - Analog Devices AD9709-EB Datasheet HTML 20Page - Analog Devices AD9709-EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
REV. 0
AD9709
–17–
CDMA
Carrier Division Multiple Access, or CDMA, is an air transmit/
receive scheme where the signal in the transmit path is modulated
with a pseudorandom digital code (sometimes referred to as the
spreading code). The effect of this is to spread the transmitted
signal across a wide spectrum. Similar to a DMT waveform, a
CDMA waveform containing multiple subscribers can be char-
acterized as having a high peak to average ratio (i.e., crest factor),
thus demanding highly linear components in the transmit signal
path. The bandwidth of the spectrum is defined by the CDMA
standard being used, and in operation is implemented by using
a spreading code with particular characteristics.
Distortion in the transmit path can lead to power being trans-
mitted out of the defined band. The ratio of power transmitted
in-band to out-of-band is often referred to as Adjacent Channel
Power (ACP). This is a regulatory issue due to the possibility
of interference with other signals being transmitted by air.
Regulatory bodies define a spectral mask outside of the transmit
band, and the ACP must fall under this mask. If distortion in
the transmit path causes the ACP to be above the spectral mask,
then filtering, or different component selection is needed to
meet the mask requirements.
Figure 42 shows the AD9709/AD8346 application circuit of
Figure 41 reconstructing a wideband, or W-CDMA test vector
with a bandwith of 8 MHz, centered at 2.4 GHz and being
sampled at 62.5 MHz. The IF frequency at the DAC output
is 15.625 MHz. ACPR for the given test vector is measured
at greater than 54 dB.
FREQUENCY
CENTER 2.4GHz
3MHz
SPAN 30MHz
cu1
c11
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
1
C2
cu1
C0
c11
Figure 42. CDMA Signal, 8 M Chips Sampled at 65 MSPS,
Recreated at 2.4 GHz, Adjacent Channel Power > 54 dBm
Figure 43 shows an example of the AD9709 used in a W-CDMA
transmitter application using the AD6122 CDMA 3 V IF sub-
system. The AD6122 has functions, such as external gain
control and low-distortion characteristics, needed for the
superior Adjacent Channel Power (ACP) requirements of
W-CDMA.
(“Q DAC”)
IOUTA
QOUTA
QOUTB
DCOM
FSADJ2
REFIO
SLEEP
RSET2
1.9k
0.1 F
CLK2
Q DATA
INPUT
I DATA
INPUT
DVDD
AVDD
500
50
500
500
IIPP
IIPN
IIQP
IIQN
AD6122
CLK1
FSADJ1
RSET1
2k
RCAL
220
500
50
DAC
LATCH
DAC
(“I DAC”)
INPUT
LATCHES
WRT1
WRT2
ACOM
AD9709
U1
U2
LOIPP
LOIPN
2
PHASE
SPLITTER
REFIN
VGAIN
GAIN
CONTROL
TXOPP
TXOPN
GAIN
CONTROL
SCALE
FACTOR
TEMPERATURE
COMPENSATION
MODOPN
MODOPP
VCC
VCC
3V
500
500
IOUTB
INPUT
LATCHES
500
50
500
50
DAC
LATCH
DAC
634
Figure 43. CDMA Transmit Application Using AD9709 and AD6122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com