Electronic Components Datasheet Search
  English  ▼

X  

AD9709-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9709-EB
Description  8-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9709-EB Datasheet HTML 11Page - Analog Devices AD9709-EB Datasheet HTML 12Page - Analog Devices AD9709-EB Datasheet HTML 13Page - Analog Devices AD9709-EB Datasheet HTML 14Page - Analog Devices AD9709-EB Datasheet HTML 15Page - Analog Devices AD9709-EB Datasheet HTML 16Page - Analog Devices AD9709-EB Datasheet HTML 17Page - Analog Devices AD9709-EB Datasheet HTML 18Page - Analog Devices AD9709-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
REV. 0
AD9709
–15–
SINGLE-ENDED, BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 37 shows a buffered single-ended output configuration
in which the op amp U1 performs an I-V conversion on the
AD9709 output current. U1 maintains IOUTA (or IOUTB) at a
virtual ground, thus minimizing the nonlinear output imped-
ance effect on the DAC’s INL performance as discussed in
the Analog Output section. Although this single-ended configu-
ration typically provides the best dc linearity performance, its ac
distortion performance at higher DAC update rates may be
limited by U1’s slewing capabilities. U1 provides a negative
unipolar output voltage and its full-scale output voltage is simply
the product of RFB and IOUTFS. The full-scale output should be
set within U1’s voltage output swing capabilities by scaling IOUTFS
and/or RFB. An improvement in ac distortion performance may
result with a reduced IOUTFS since the signal current U1 will be
required to sink will be subsequently reduced.
IOUTA
IOUTB
AD9709
200
U1
VOUT = IOUTFS
RFB
RFB
200
Figure 37. Unipolar Buffered Voltage Output
FREQUENCY – MHz
90
70
0.2
85
80
75
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Figure 38. AVDD Power Supply Rejection Ratio
POWER AND GROUNDING CONSIDERATIONS, POWER
SUPPLY REJECTION
Many applications seek high-speed and high-performance
under less than ideal operating conditions. In these application
circuits, the implementation and construction of the printed
circuit board is as important as the circuit design. Proper RF
techniques must be used for device selection, placement and
routing as well as power supply bypassing and grounding to
ensure optimum performance.
One factor that can measurably affect system performance is the
ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution.
This is referred to as the Power Supply Rejection Ratio. For dc
variations of the power supply, the resulting performance of the
DAC directly corresponds to a gain error associated with the
DAC’s full-scale current, IOUTFS. AC noise on the DC supplies
is common in applications where the power distribution is gen-
erated by a switching power supply. Typically, switching power
supply noise will occur over the spectrum from tens of kHz to
several MHz. The PSRR vs. frequency of the AD9709 AVDD
supply over this frequency range is shown in Figure 38.
Note that the units in Figure 38 are given in units of (amps out/
volts in). Noise on the analog power supply has the effect of
modulating the internal current sources, and therefore the
output current. The voltage noise on AVDD, therefore, will be
added in a nonlinear manner to the desired IOUT. PSRR is very
code dependent, thus producing mixing effects which can
modulate low-frequency power supply noise to higher frequen-
cies. Worst case PSRR for either one of the differential DAC
outputs will occur when the full-scale current is directed to-
wards that output. As a result, the PSRR measurement in Fig-
ure 38 represents a worst-case condition in which the digital
inputs remain static and the full-scale output current of 20 mA is
directed to the DAC output being measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and for simplic-
ity sake (i.e., ignore harmonics), all of this noise is concentrated
at 250 kHz. To calculate how much of this undesired noise will
appear as current noise superimposed on the dc’s full-scale
current, IOUTFS, one must determine the PSRR in dB using
Figure 38 at 250 kHz. To calculate the PSRR for a given RLOAD,
such that the units of PSRR are converted from A/V to V/V,
adjust the curve in Figure 38 by the scaling factor 20
× Log
(RLOAD ). For instance, if RLOAD is the PSRR is reduced by
34 dB (i.e., PSRR of the DAC at 250 kHz which is 85 dB in
Figure 38 becomes 51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary objective
in any high-speed, high-resolution system. The AD9709 fea-
tures separate analog and digital supply and ground pins to
optimize the management of analog and digital ground currents
in a system. In general, AVDD, the analog supply, should be
decoupled to ACOM, the analog common, as close to the chip
as physically possible. Similarly, DVDD, the digital supply, should
be decoupled to DCOM as close to the chip as physically possible.
100 F
10 F–22 F
0.1 F
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
ELECTROLYTIC
TANTALUM
CERAMIC
Figure 39. Differential LC Filter for Single 5 V and 3 V
Applications
For those applications that require a single 5 V or 3 V supply for
both the analog and digital supplies, a clean analog supply may
be generated using the circuit shown in Figure 39. The circuit
consists of a differential LC filter with separate power supply
and return lines. Lower noise can be attained by using low-ESR
type electrolytic and tantalum capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com