Electronic Components Datasheet Search
  English  ▼

X  

AD9740 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9740
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740 Datasheet(HTML) 5 Page - Analog Devices

  AD9740 Datasheet HTML 1Page - Analog Devices AD9740 Datasheet HTML 2Page - Analog Devices AD9740 Datasheet HTML 3Page - Analog Devices AD9740 Datasheet HTML 4Page - Analog Devices AD9740 Datasheet HTML 5Page - Analog Devices AD9740 Datasheet HTML 6Page - Analog Devices AD9740 Datasheet HTML 7Page - Analog Devices AD9740 Datasheet HTML 8Page - Analog Devices AD9740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD9740
–5–
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD9740
NC = NO CONNECT
(MSB) DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
(LSB) DB0
NC
NC
NC
NC
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB1
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
DB9
Most Significant Data Bit (MSB)
2–9
DB8–DB1
Data Bits 8–1
10
DB0
Least Significant Data Bit (LSB)
11–14
NC
No Internal Connection
15
SLEEP
Power-Down Control Input. Active high. Contains active pull-down circuit; it may be left
unterminated if not used.
16
REFLO
Reference Ground when internal 1.2 V reference used. Connect to AVDD to disable internal reference.
17
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled (i.e., tie REFLO to AVDD).
Serves as 1.2 V reference output when internal reference activated (i.e., tie REFLO to AGND). Requires
0.1
µF capacitor to AGND when internal reference activated.
18
FS ADJ
Full-Scale Current Output Adjust
19
NC
No Internal Connection
20
ACOM
Analog Common
21
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
22
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
23
RESERVED
Reserved. Do Not Connect to Common or Supply.
24
AVDD
Analog Supply Voltage (3.3 V)
25
MODE
Selects Input Data Format. Connect to DGND for straight binary, DVDD for two’s complement.
26
DCOM
Digital Common
27
DVDD
Digital Supply Voltage (3.3 V)
28
CLOCK
Clock Input. Data latched on positive edge of clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com