Electronic Components Datasheet Search
  English  ▼

X  

AD9740 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9740
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9740 Datasheet HTML 6Page - Analog Devices AD9740 Datasheet HTML 7Page - Analog Devices AD9740 Datasheet HTML 8Page - Analog Devices AD9740 Datasheet HTML 9Page - Analog Devices AD9740 Datasheet HTML 10Page - Analog Devices AD9740 Datasheet HTML 11Page - Analog Devices AD9740 Datasheet HTML 12Page - Analog Devices AD9740 Datasheet HTML 13Page - Analog Devices AD9740 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD9740
–10–
REFERENCE CONTROL AMPLIFIER
The AD9740 contains a control amplifier that is used to regu-
late the full-scale output current, IOUTFS. The control amplifier
is configured as a V-I converter as shown in Figure 4, so that its
current output, IREF, is determined by the ratio of the VREFIO
and an external resistor, RSET, as stated in Equation 4. IREF is
copied to the segmented current sources with the proper scale
factor to set IOUTFS as stated in Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of IOUTFS
provides several benefits. The first relates directly to the power
dissipation of the AD9740, which is proportional to IOUTFS
(refer to the Power Dissipation section). The second relates
to the 20 dB adjustment, which is useful for system gain
control purposes.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz and can be used for low-frequency small
signal multiplying applications.
DAC TRANSFER FUNCTION
Both DACs in the AD9740 provide complementary current
outputs, IOUTA and IOUTB. IOUTA will provide a near full-
scale current output, IOUTFS, when all bits are high (i.e., DAC
CODE = 1023) while IOUTB, the complementary output,
provides no current. The current output appearing at IOUTA
and IOUTB is a function of both the input code and IOUTFS and
can be expressed as:
IOUTA
DAC CODE
I
OUTFS
=×
(/
)
1024
(1)
IOUTB
DAC CODE
I
OUTFS
=×
(–
) /
1023
1024
(2)
where DAC CODE = 0 to 1023 (i.e., decimal representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage,
VREFIO, and external resistor, RSET. It can be expressed as:
II
OUTFS
REF
=×
32
(3)
where
IV
R
REF
REFIO
SET
=
/
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note,
RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated
50
Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply:
V
IOUTA
R
OUTA
LOAD
=×
(5)
V
IOUTB
R
OUTB
LOAD
=×
(6)
Note the full-scale value of VOUTA and VOUTB should not exceed
the specified output compliance range to maintain specified
distortion and linearity performance.
V
IOUTA
IOUTB
R
DIFF
LOAD
=×
(–
)
(7)
Substituting the values of IOUTA, IOUTB, IREF, and VDIFF can
be expressed as:
V
DAC CODE
RR
V
DIFF
LOAD
SET
REFIO
=×
{}
×
()×
(–
) /
/
2
1023
1024
32
(8)
These last two equations highlight some of the advantages of
operating the AD9740 differentially. First, the differential
operation will help cancel common-mode error sources associ-
ated with IOUTA and IOUTB, such as noise, distortion, and dc
offsets. Second, the differential code dependent current and
subsequent voltage, VDIFF, is twice the value of the single-ended
voltage output (i.e., VOUTA or VOUTB), thus providing twice the
signal power to the load.
Note, the gain drift temperature performance for a single-ended
(VOUTA and VOUTB) or differential output (VDIFF) of the AD9740
can be enhanced by selecting temperature tracking resistors for
RLOAD and RSET due to their ratiometric relationship as shown in
Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA and
IOUTB, may be configured for single-ended or differential opera-
tion. IOUTA and IOUTB can be converted into complementary
single-ended voltage outputs, VOUTA and VOUTB, via a load resis-
tor, RLOAD, as described in the DAC Transfer Function section by
Equations 5 through 8. The differential voltage, VDIFF, existing
between VOUTA and VOUTB can also be converted to a single-ended
voltage via a transformer or differential amplifier configuration.
The ac performance of the AD9740 is optimum and specified
using a differential transformer coupled output in which the voltage
swing at IOUTA and IOUTB is limited to
±0.5 V.
The distortion and noise performance of the AD9740 can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can
be significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode error
sources include even-order distortion products and noise. The
enhancement in distortion performance becomes more signifi-
cant as the frequency content of the reconstructed waveform
increases and/or its amplitude decreases. This is due to the first
order cancellation of various dynamic common-mode distortion
mechanisms, digital feedthrough, and noise.
Performing a differential-to-single-ended conversion via a trans-
former also provides the ability to deliver twice the reconstructed
signal power to the load (i.e., assuming no source termination).
Since the output currents of IOUTA and IOUTB are comple-
mentary, they become additive when processed differentially. A
properly selected transformer will allow the AD9740 to provide
the required power and voltage levels to different loads.
The output impedance of IOUTA and IOUTB is determined
by the equivalent parallel combination of the PMOS switches
associated with the current sources and is typically 100 k
Ω in
parallel with 5 pF. It is also slightly dependent on the output
voltage (i.e., VOUTA and VOUTB) due to the nature of a PMOS
device. As a result, maintaining IOUTA and/or IOUTB at a
virtual ground via an I-V op amp configuration will result in
the optimum dc linearity. Note the INL/DNL specifications
for the AD9740 are measured with IOUTA maintained at a
virtual ground via an op amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com