Electronic Components Datasheet Search
  English  ▼

X  

AD9762 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9762
Description  12-Bit, 125 MSPS TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9762 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9762 Datasheet HTML 5Page - Analog Devices AD9762 Datasheet HTML 6Page - Analog Devices AD9762 Datasheet HTML 7Page - Analog Devices AD9762 Datasheet HTML 8Page - Analog Devices AD9762 Datasheet HTML 9Page - Analog Devices AD9762 Datasheet HTML 10Page - Analog Devices AD9762 Datasheet HTML 11Page - Analog Devices AD9762 Datasheet HTML 12Page - Analog Devices AD9762 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AD9762
–9–
REV. B
FREQUENCY – MHz
90
80
50
0.1
100
110
60
70
5MSPS
25MSPS
50MSPS
100MSPS
125MSPS
Figure 21. SFDR vs. fOUT @ 0 dBFS
FREQUENCY – MHz
85
50
05
25
10
15
20
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 24. SFDR vs. fOUT @ 50 MSPS
AOUT – dBFS
90
50
–30
–25
0
–20
–15
–10
–5
80
60
70
455kHz
@ 5MSPS
2.27MHz
@ 25MSPS
4.55MHz
@ 50MSPS
9.1MHz
@ 100MSPS
11.37MHz
@ 125MSPS
40
Figure 27. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
Typical AC Characterization Curves @ +3 V Supplies
(AVDD = +3 V, DVDD = +3 V, IOUTFS = 20 mA, 50
Ω Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless otherwise noted)
FREQUENCY – MHz
85
50
0.00
2.50
0.50
1.00
1.50
2.00
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 22. SFDR vs. fOUT @ 5 MSPS
FREQUENCY – MHz
85
50
010
50
20
30
40
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 25. SFDR vs. fOUT @ 100 MSPS
AOUT – dBFS
90
50
–30
–25
0
–20
–15
–10
–5
80
60
70
1MHz
@ 5MSPS
5.0MHz
@ 25MSPS
10MHz
@ 50MSPS
20MHz
@ 100MSPS
25MHz
@ 125MSPS
40
Figure 28. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
FREQUENCY – MHz
85
50
02
12
46
8
10
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 23. SFDR vs. fOUT @ 25 MSPS
FREQUENCY – MHz
85
50
010
60
20
30
40
50
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
Figure 26. SFDR vs. fOUT @ 125 MSPS
AOUT – dBFS
80
40
–30
–25
0
–20
–15
–10
–5
70
50
60
0.675/0.725MHz
@ 5MSPS
3.38/3.63MHz
@ 25MSPS
6.75/7.25MHz
@ 50MSPS
13.5/14.5MHz
@ 100MSPS
16.9/18.1MHz
@ 125MSPS
90
Figure 29. Dual-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com