Electronic Components Datasheet Search
  English  ▼

X  

AD9762 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9762
Description  12-Bit, 125 MSPS TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9762 Datasheet(HTML) 4 Page - Analog Devices

  AD9762 Datasheet HTML 1Page - Analog Devices AD9762 Datasheet HTML 2Page - Analog Devices AD9762 Datasheet HTML 3Page - Analog Devices AD9762 Datasheet HTML 4Page - Analog Devices AD9762 Datasheet HTML 5Page - Analog Devices AD9762 Datasheet HTML 6Page - Analog Devices AD9762 Datasheet HTML 7Page - Analog Devices AD9762 Datasheet HTML 8Page - Analog Devices AD9762 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AD9762
–4–
REV. B
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)
3.5
ns
Specifications subject to change without notice.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB11
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS*
With
Parameter
Respect to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
CLOCK, SLEEP
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
COMP1, COMP2
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
REFLO
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD9762AR
–40
°C to +85°C 28-Lead 300 mil SOIC R-28
AD9762ARU –40
°C to +85°C 28-Lead TSSOP
RU-28
AD9762-EB
Evaluation Board
*R = SOIC, RU = TSSOP.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300 mil SOIC
θ
JA = 71.4
°C/W
θJC = 23°C/W
28-Lead TSSOP
θ
JA = 97.9
°C/W
θJC = 14.0°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9762 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com