Electronic Components Datasheet Search
  English  ▼

X  

AD9762 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9762
Description  12-Bit, 125 MSPS TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9762 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9762 Datasheet HTML 7Page - Analog Devices AD9762 Datasheet HTML 8Page - Analog Devices AD9762 Datasheet HTML 9Page - Analog Devices AD9762 Datasheet HTML 10Page - Analog Devices AD9762 Datasheet HTML 11Page - Analog Devices AD9762 Datasheet HTML 12Page - Analog Devices AD9762 Datasheet HTML 13Page - Analog Devices AD9762 Datasheet HTML 14Page - Analog Devices AD9762 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AD9762
–11–
REV. B
FUNCTIONAL DESCRIPTION
Figure 39 shows a simplified block diagram of the AD9762.
The AD9762 consists of a large PMOS current source array
that is capable of providing up to 20 mA of total current. The
array is divided into 31 equal currents that make up the 5
most significant bits (MSBs). The next 4 bits or middle bits
consist of 15 equal current sources whose value is 1/16th of an
MSB current source. The remaining LSBs are binary weighted
fractions of the middle-bits current sources. Implementing
the middle and lower bits with current sources, instead of an
R-2R ladder, enhances its dynamic performance for multitone
or low amplitude signals and helps maintain the DAC’s high
output impedance (i.e., >100 k
Ω).
All of these current sources are switched to one or the other
of the two output nodes (i.e., IOUTA or IOUTB) via PMOS differen-
tial current switches. The switches are based on a new archi-
tecture that drastically improves distortion performance. This new
switch architecture reduces various timing errors and provides
matching complementary drive signals to the inputs of the
differential current switches.
The analog and digital sections of the AD9762 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 2.7 volt to 5.5 volt range. The digital
section, which is capable of operating up to a 125 MSPS clock
rate, consists of edge-triggered latches and segment decoding
logic circuitry. The analog section includes the PMOS current
sources, the associated differential switches, a 1.20 V bandgap
voltage reference and a reference control amplifier.
The full-scale output current is regulated by the reference
control amplifier and can be set from 2 mA to 20 mA via an
external resistor, RSET. The external resistor, in combination
with both the reference control amplifier and voltage refer-
ence VREFIO, sets the reference current IREF, which is mirrored
over to the segmented current sources with the proper scaling
factor. The full-scale current, IOUTFS, is thirty-two times the value
of IREF.
DAC TRANSFER FUNCTION
The AD9762 provides complementary current outputs, IOUTA
and IOUTB. IOUTA will provide a near full-scale current output,
IOUTFS, when all bits are high (i.e., DAC CODE = 4095) while
IOUTB, the complementary output, provides no current. The
current output appearing at IOUTA and IOUTB is a function of
both the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/4096)
× IOUTFS
(1)
IOUTB = (4095 – DAC CODE)/4096
× IOUTFS
(2)
where DAC CODE = 0 to 4095 (i.e., Decimal Representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage
VREFIO and external resistor RSET. It can be expressed as:
IOUTFS = 32
× IREF
(3)
where IREF = VREFIO/RSET
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, which are tied to analog common, ACOM. Note,
RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated
50
Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply :
VOUTA = IOUTA
× RLOAD
(5)
VOUTB = IOUTB
× RLOAD
(6)
Note the full-scale value of VOUTA and VOUTB should not exceed
the specified output compliance range to maintain specified
distortion and linearity performance.
The differential voltage, VDIFF, appearing across IOUTA and
IOUTB is:
VDIFF = (IOUTA – IOUTB)
× RLOAD
(7)
Substituting the values of IOUTA, IOUTB, and IREF; VDIFF can be
expressed as:
VDIFF = {(2 DAC CODE – 4095)/4096}
×
(32 RLOAD/RSET)
× VREFIO
(8)
These last two equations highlight some of the advantages of
operating the AD9762 differentially. First, the differential
operation will help cancel common-mode error sources associated
with IOUTA and IOUTB such as noise, distortion and dc offsets.
Second, the differential code dependent current and subsequent
voltage, VDIFF, is twice the value of the single-ended voltage
output (i.e., VOUTA or VOUTB), thus providing twice the signal
power to the load.
Note, the gain drift temperature performance for a single-ended
(VOUTA and VOUTB) or differential output (VDIFF) of the AD9762
can be enhanced by selecting temperature tracking resistors for
RLOAD and RSET due to their ratiometric relationship as shown
in Equation 8.
DIGITAL DATA INPUTS (DB11–DB0)
50pF
COMP1
+1.20V REF
AVDD
ACOM
REFLO
COMP2
PMOS
CURRENT SOURCE
ARRAY
0.1 F
+5V
SEGMENTED SWITCHES
FOR DB11–DB3
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
+5V
RSET
2k
0.1 F
IOUTA
IOUTB
0.1 F
AD9762
SLEEP
LATCHES
IREF
VREFIO
CLOCK
IOUTB
IOUTA
RLOAD
50
VOUTB
VOUTA
RLOAD
50
VDIFF = VOUTA – VOUTB
Figure 39. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com