Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
REV. 0
AD9775
–26–
MODULATION, NO INTERPOLATION
With Control Register 01h, Bits 7 and 6 set to “00,” the inter-
polation function on the AD9775 is disabled. Figures 25a–25d
show the DAC output spectral characteristics of the AD9775 in
the various modulation modes, all with the interpolation filters
disabled. The modulation frequency is determined by the state
of Control Register 01h, Bits 5 and 4. The tall rectangles
represent the digital domain spectrum of a baseband signal of
narrow bandwidth. By comparing the digital domain spectrum
to the DAC SIN(x)/x roll-off, an estimate can be made for the
characteristics required for the DAC reconstruction filter. Note
also, per the previous discussion on amplitude modulation, that
the spectral components (where modulation is set to fS/4 or fS/8)
are scaled by a factor of 2. In the situation where the modula-
tion is fS/2, the modulated spectral components add constructively
and there is no scaling effect.
fOUT ( fDATA)
0
0.2
–100
0
–80
–60
–40
–20
0.4
0.6
0.8
1.0
Figure 25a. No Interpolation, Modulation Disabled
fOUT ( fDATA)
0
0.2
–100
0
–80
–60
–40
–20
0.4
0.6
0.8
1.0
Figure 25b. No Interpolation, Modulation = fDAC/2
fOUT ( fDATA)
0
0.2
–100
0
–80
–60
–40
–20
0.4
0.6
0.8
1.0
Figure 25c. No Interpolation, Modulation = fDAC/4
fOUT ( fDATA)
0
0.2
–100
0
–80
–60
–40
–20
0.4
0.6
0.8
1.0
Figure 25d. No Interpolation, Modulation = fDAC/8
Figure 25. Effects of Digital Modulation on DAC Output Spectrum, Interpolation Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com