Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
REV. 0
AD9775
–27–
MODULATION, INTERPOLATION = 2
×
With Control Register 01h, Bits 7 and 6 set to “01,” the inter-
polation rate of the AD9775 is 2
×. Modulation is achieved by
multiplying successive samples at the interpolation filter output
by the sequence (1, –1). Figures 26a–26d represent the spectral
response of the AD9775 DAC output with 2
× interpolation in
the various modulation modes to a narrow band baseband signal
(again, the tall rectangles in the graphic). The advantage of
interpolation becomes clear in Figures 26a–26d, where it can
be seen that the images that would normally appear in the spec-
trum around the input data rate frequency are suppressed by
>70 dB. Another significant point is that the interpolation filter-
ing is done previous to the digital modulator. For this reason, as
Figures 26a–26d show, the pass band of the interpolation
filters can be frequency shifted, giving the equivalent of a
high pass digital filter.
Note that when using the fS/4 modulation mode, there is no true
stop band as the band edges coincide with each other. In the fS/8
modulation mode, amplitude scaling occurs over only a portion of
the digital filter pass band due to constructive addition over just
that section of the band.
Figure 26. Effects of Digital Modulation on DAC Output Spectrum, Interpolation = 2
×
f
OUT (
fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26a. 2
× Interpolation, Modulation = Disabled
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26b. 2
× Interpolation, Modulation = fDAC/2
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26c. 2
× Interpolation, Modulation = fDAC/4
fOUT ( fDATA)
0
0.5
–100
0
–80
–60
–40
–20
1.0
1.5
2.0
Figure 26d. 2
× Interpolation, Modulation = fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com