Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
REV. 0
AD9775
–30–
fOUT, NORMALIZED TO fDATA WITH ZERO STUFFING
DISABLED – Hz
0
0
–50
–40
–30
–20
–10
0.5
10
1.0
1.5
2.0
ZERO STUFFING
ENABLED
ZERO STUFFING
DISABLED
Figure 29. Effect of Zero Stuffing on DAC’s SIN(x)/
x Response
To improve upon the pass-band flatness of the desired image,
the zero stuffing mode can be enabled by setting the control
register bit to a Logic “1.” This option increases the ratio of
fDAC/fDATA by a factor of 2 by doubling the DAC sample rate and
inserting a midscale sample (i.e., 1000 0000 0000 0000) after
every data sample originating from the interpolation filter. This
is important as it will affect the PLL divider ratio needed to keep
the VCO within its optimum speed range. Note that the zero
stuffing takes place in the digital signal chain at the output of the
digital modulator before the DAC.
The net effect is to increase the DAC output sample rate by a
factor of 2
× with the “0” in the SIN(x)/x DAC transfer function
occurring at twice the original frequency. A 6 dB loss in ampli-
tude at low frequencies is also evident, as can be seen in Figure 29.
It is important to realize that the zero stuffing option by itself
does not change the location of the images but rather their ampli-
tude, pass-band flatness, and relative weighting. For instance, in
the previous example, the pass-band amplitude flatness of the
image at 3
× f
DATA/4 is now improved to 0.59 dB while the signal
level has increased slightly from –10.5 dBFS to –8.1 dBFS.
INTERPOLATING (COMPLEX MIX MODE)
(Control Register 01h, Bit 2)
In the complex mix mode, the two digital modulators on the
AD9775 are coupled to provide a complex modulation function.
In conjunction with an external quadrature modulator, this
complex modulation can be used to realize a transmit image
rejection architecture. The complex modulation function can be
programmed for e
+j t or e–j t to give upper or lower image rejec-
tion. As in the real modulation mode, the modulation frequency
can be programmed via the SPI port for fDAC/2, fDAC/4, and
fDAC/8, where fDAC represents the DAC output rate.
OPERATIONS ON COMPLEX SIGNALS
Truly complex signals cannot be realized outside of a computer
simulation. However, two data channels, both consisting of real
data, can be defined as the real and imaginary components of a
complex signal. I (real) and Q (imaginary) data paths are often
defined this way. By using the architecture defined in Figure 30,
a system can be realized that operates on complex signals,
giving a complex (real and imaginary) output.
If a complex modulation function (e
+j t) is desired, the real and
imaginary components of the system correspond to the real and
imaginary components of e
+j t, or cos t and sin t. As Figure
31 shows, the complex modulation function can be realized
by applying these components to the structure of the com-
plex system defined in Figure 30.
COMPLEX MODULATION AND IMAGE REJECTION OF
BASEBAND SIGNALS
In traditional transmit applications, a two-step upconversion is
done in which a baseband signal is modulated by one carrier to
an IF (intermediate frequency) and then modulated a second
time to the transmit frequency. Although this approach has
several benefits, a major drawback is that two images are cre-
ated near the transmit frequency. Only one image is needed, the
other being an exact duplicate. Unless the unwanted image is
filtered, typically with analog components, transmit power is
wasted and the usable bandwidth available in the system is
reduced.
A more efficient method of suppressing the unwanted image
can be achieved by using a complex modulator followed by a
quadrature modulator. Figure 32 is a block diagram of a
quadrature modulator. Note that it is in fact the real output half
of a complex modulator. The complete upconversion can actu-
ally be referred to as two complex upconversion stages, the real
output of which becomes the transmitted signal.
a(t)
INPUT
INPUT
OUTPUT
OUTPUT
COMPLEX FILTER
= (c + jd)
IMAGINARY
b(t)
b(t)
a(t) + c
b(t)
c(t)
b(t) + d
b(t)
Figure 30. Realization of a Complex System
OUTPUT
(IMAGINARY)
OUTPUT
(REAL)
INPUT
(REAL)
INPUT
(IMAGINARY)
e–j t = COS t + jSIN t
90
Figure 31. Implementation of a Complex Modulator
90
OUTPUT
INPUT
(REAL)
INPUT
(IMAGINARY)
COS t
SIN t
Figure 32. Quadrature Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com