Electronic Components Datasheet Search
  English  ▼

X  

AD9826 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9826 Datasheet HTML 12Page - Analog Devices AD9826 Datasheet HTML 13Page - Analog Devices AD9826 Datasheet HTML 14Page - Analog Devices AD9826 Datasheet HTML 15Page - Analog Devices AD9826 Datasheet HTML 16Page - Analog Devices AD9826 Datasheet HTML 17Page - Analog Devices AD9826 Datasheet HTML 18Page - Analog Devices AD9826 Datasheet HTML 19Page - Analog Devices AD9826 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD9826
–17–
REV. A
Analog Inputs—
SHA Mode Operation
Figure 14 shows the analog input configuration for the SHA
mode of operation. Figure 15 shows the internal timing for the
sampling switches. The input signal is sampled when CDSCLK2
transitions from high to low, opening S1. The voltage on the
OFFSET pin is also sampled on the falling edge of CDSCLK2,
when S2 opens. S3 is then closed, generating a differential out-
put voltage representing the difference between the sampled
input voltage and the OFFSET voltage. The input clamp is
disabled during SHA mode operation.
INPUT
SIGNAL
CML
CML
VINR
AD9826
OFFSET
S1
4pF
S3
S2
4pF
OPTIONAL DC
OFFSET (OR
CONNECT
TO GND)
VING
VINB
Figure 14. SHA-Mode Input Configuration (All Three
Channels Are Identical)
CDSCLK2
Q3
(INTERNAL)
S3 OPEN
S1, S2 OPEN
S1, S2 CLOSED
S1, S2 CLOSED
S3 CLOSED
S3 CLOSED
Figure 15. SHA-Mode Internal Switch Timing
Figure 16 shows how the OFFSET pin may be used in a CIS
application for coarse offset adjustment. Many CIS signals have
dc offsets ranging from several hundred millivolts to more than
1 V. By connecting the appropriate dc voltage to the OFFSET
pin, the CIS signal will be restored to “zero.” After the large dc
offset is removed, the signal can be scaled using the PGA to
maximize the ADC’s dynamic range.
SHA
SHA
SHA
VINR
VING
VINB
OFFSET
RED
GREEN
BLUE
VRED FROM
CIS MODULE
AVDD
R1
R2
DC OFFSET
RED-
OFFSET
GREEN-
OFFSET
BLUE-
OFFSET
AD9826
0.1 F
Figure 16. SHA-Mode Used with External DC Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com