Electronic Components Datasheet Search
  English  ▼

X  

ADDC02815DA Datasheet(PDF) 5 Page - Analog Devices

Part # ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Datasheet(HTML) 5 Page - Analog Devices

  ADDC02815DA Datasheet HTML 1Page - Analog Devices ADDC02815DA Datasheet HTML 2Page - Analog Devices ADDC02815DA Datasheet HTML 3Page - Analog Devices ADDC02815DA Datasheet HTML 4Page - Analog Devices ADDC02815DA Datasheet HTML 5Page - Analog Devices ADDC02815DA Datasheet HTML 6Page - Analog Devices ADDC02815DA Datasheet HTML 7Page - Analog Devices ADDC02815DA Datasheet HTML 8Page - Analog Devices ADDC02815DA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–5–
Typical Performance Curves
OUTPUT POWER – Watts
86
70
10
100
20
30
40
50
60
70
80
90
84
78
76
74
72
82
80
40V
18V
28V
VIN = 28V
VO = +12V
TC = +25 C
Figure 1. Efficiency vs. Line and Load at +25
°C
(ADDC02812DA)
OUTPUT POWER – Watts
10
100
20
30
40
50
60
70
80
90
88
86
70
78
76
74
72
82
80
84
28V
18V
40V
VIN = 28V
VO =
15V
TC = +25 C
Figure 2. Efficiency vs. Line and Load at +25
°C
(ADDC02815DA)
TCASE – C
87
86
83
–55
90
–45
–35
–15
–5
5
25
45
65
85
85
84
Figure 3. Efficiency vs. Case Temperature (
°C)
(at Nominal VIN, 75% Max Load, ADDC02812DA)
OUTPUT POWER – Watts
14.4
14.2
13.0
50
100
60
70
80
90
13.8
13.6
13.4
13.2
14.0
Figure 4. Low Line Dropout vs. Load at 90
°C Case
Temperature
TCASE – C
1.00
0.50
–1.00
–55
90
–35
–15
5
25
55
75
0.00
–0.50
Figure 5. Normalized Output Voltage vs. Case
Temperature (
°C)
VINHIBIT
VO
2V
/DIV
1ms
Figure 6. Output Voltage Transient During Turn-On
with Minimum Load Displaying Soft Start When Supply
Is Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com