Electronic Components Datasheet Search
  English  ▼

X  

ADDC02815DA Datasheet(PDF) 12 Page - Analog Devices

Part # ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Datasheet(HTML) 12 Page - Analog Devices

Back Button ADDC02815DA Datasheet HTML 8Page - Analog Devices ADDC02815DA Datasheet HTML 9Page - Analog Devices ADDC02815DA Datasheet HTML 10Page - Analog Devices ADDC02815DA Datasheet HTML 11Page - Analog Devices ADDC02815DA Datasheet HTML 12Page - Analog Devices ADDC02815DA Datasheet HTML 13Page - Analog Devices ADDC02815DA Datasheet HTML 14Page - Analog Devices ADDC02815DA Datasheet HTML 15Page - Analog Devices ADDC02815DA Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
–12–
ADDC02812DA/ADDC02815DA
REV. A
Incremental Negative Resistance: A POL converter is designed
to hold its output voltage constant no matter how its input volt-
age varies. Given a constant load current, the power drawn from
the input bus is therefore also a constant. If the input voltage
increases by some factor, the input current must decrease by the
same factor to keep the power level constant. In incremental
terms, a positive incremental change in the input voltage results
in a negative incremental change in the input current. The POL
converter therefore looks, incrementally, as a negative resistor.
The value of this negative resistor at a particular operating
point, VIN, IIN, is:
R
N =
–V
IN
I
IN
Note that this resistance is a function of the operating point. At
full load and low input line, the resistance is its smallest, while
at light load and high input line, it is its largest.
Potential System Instability: The preceding analysis assumes
dc voltages and currents. For ac waveforms the incremental input
model for the POL converter must also include the effects of its
input filter and control loop dynamics. When the POL con-
verter is connected to a power source, modeled as a voltage
source, VS, in series with an inductor, LS, and some positive
resistor, RS, the network of Figure 25 results.
LP
CP
–|RN|
ADI DC/DC CONVERTER
LS
RS
VS
INPUT
TERMINALS
Figure 25. Model of Power Source and POL Converter
Connection
The network shown in Figure 25 is second order and has the
following characteristic equation:
s2(LS + LP )C + s
(LS + LP )
–|RN|
+ R
SCP


+1 = 0
For the power delivery to be efficient, it is required that RS <<
RN. For the system to be stable, however, the following relation-
ship must hold:
CP|RN|>
(LS + LP )
RS
or RS >
(LS + LP )
CP|RN|
Notice from this result that if (LS + LP) is too large, or if RS is
too small, the system might be unstable. This condition would
first be observed at low input line and full load since the abso-
lute value of RN is smallest at this operating condition.
If an instability results and it cannot be corrected by changing
LS or RS, such as during the MIL-STD-461D tests due to the
LISN requirement, one possible solution is to place a capacitor
across the input of the POL converter. Another possibility is to
place a small resistor in series with this extra capacitor.
The analysis so far has assumed the source of power was a volt-
age source (e.g., a battery) with some source impedance. In
some cases, this source may be the output of a front-end (FE)
converter. Although each FE converter is different, a model for
a typical one would have an LC output filter driven by a voltage
source whose value was determined by the feedback loop. The
LC filter usually has a high Q, so the compensation of the feed-
back loop is chosen to help dampen any oscillations that result
from load transients. In effect, the feedback loop adds “positive
resistance” to the LC network.
When the POL converter is connected to the output of this FE
converter, the POL’s “negative resistance” counteracts the
effects of the FE’s “positive resistance” offered by the feedback
loop. Depending on the specific details, this might simply mean
that the FE converter’s transient response is slightly more oscil-
latory, or it may cause the entire system to be unstable.
For the ADDC02812DA and ADDC02815DA, LP is approxi-
mately 1
µH and C
P is approximately 4
µF. Figure 12 shows a
more accurate depiction of the input impedance of the converter
as a function of frequency. The negative resistance is, itself, a
very good incremental model for the power state of the con-
verter for frequencies into the several kHz range (see Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com