Electronic Components Datasheet Search
  English  ▼

X  

ADDC02815DA Datasheet(PDF) 9 Page - Analog Devices

Part # ADDC02815DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02815DA Datasheet(HTML) 9 Page - Analog Devices

Back Button ADDC02815DA Datasheet HTML 5Page - Analog Devices ADDC02815DA Datasheet HTML 6Page - Analog Devices ADDC02815DA Datasheet HTML 7Page - Analog Devices ADDC02815DA Datasheet HTML 8Page - Analog Devices ADDC02815DA Datasheet HTML 9Page - Analog Devices ADDC02815DA Datasheet HTML 10Page - Analog Devices ADDC02815DA Datasheet HTML 11Page - Analog Devices ADDC02815DA Datasheet HTML 12Page - Analog Devices ADDC02815DA Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–9–
OUTPUT VOLTAGE – %
5
4
0
101
105
102
103
104
3
2
1
Figure 19. External Resistor Value for Increasing Output
Voltage
With regard to the range that the output voltage can be adjusted
by the user, there are two concerns. As the output voltage is
raised, it may become difficult to maintain regulation at full
power and low input voltage. As the output voltage is lowered,
it may become difficult to maintain regulation at minimum
power and high input line.
Pin 4 (STATUS)
Pin 4 is active high referenced to –SENSE (Pin 1), indicating
that the output voltage is typically within
±5%. The pin is both
pulled up and down by internal circuitry. Figures 20 and 21
show the typical source and sink capabilities of the status out-
put. Refer to the paragraphs describing Pin 3 (ADJUST) for
effect on status trip point.
IOH – mA
5
4
0
0.7
1.4
0.9
1.2
3
2
1
Figure 20. Source Capability of Status Output
IOL – mA
1.0
0.8
0
119
4
7
101316
0.6
0.4
0.2
Figure 21. Sink Capability of Status Output
Pin 5 (VAUX)
Pin 5 is referenced to the input return and provides a semi-
regulated 13 V to 15 V dc voltage supply for miscellaneous
system use. The maximum permissible current draw is 5 mA
and the voltage varies with the auxiliary load as shown in Figure
22.
ILOAD – mA
13.75
13.70
13.50
0
6.5
1.63
2.1
3.1
4.1
5.6
13.65
13.60
13.55
Figure 22. VAUX vs. Load @ 100 W
Pin 6 (INHIBIT)
Pin 6 is active low and is referenced to the input return of the
converter. Connecting it to the input return will turn the converter
off. For normal operation, the inhibit pin is internally pulled up to
12 V. Use of an open collector circuit is recommended.
When Pin 6 is disconnected from input return, the converter
will restart in the soft-start mode (15 ms max before the con-
verter is fully on). Pin 6 must be kept low for at least 2 milli-
seconds to initiate a full soft start. Shorter off times will result in
a partial soft start. Figure 23 shows the input characteristics of
Pin 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com