Electronic Components Datasheet Search
  English  ▼

X  

ADG406 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG406
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG406 Datasheet HTML 4Page - Analog Devices ADG406 Datasheet HTML 5Page - Analog Devices ADG406 Datasheet HTML 6Page - Analog Devices ADG406 Datasheet HTML 7Page - Analog Devices ADG406 Datasheet HTML 8Page - Analog Devices ADG406 Datasheet HTML 9Page - Analog Devices ADG406 Datasheet HTML 10Page - Analog Devices ADG406 Datasheet HTML 11Page - Analog Devices ADG406 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
ADG406/ADG407/ADG426
REV. 0
V
IN
– V
t
ON
160
60
15
120
80
3
100
1
140
13
11
9
7
5
t
TRANSITION
t
OFF
V
DD
= +15V
V
SS
= –15V
FREQUENCY – Hz
100
0.1
10
2
10
7
10
1
10
3
10
6
10
5
10
4
VDD = +15V
VSS = –15V
EN = 2.4V
EN = 0V
FREQUENCY – Hz
10
2
10
7
10
3
10
6
10
5
10
4
EN = 0V
100
0.0001
0.1
0.001
0.01
10
1
EN = 2.4V
VDD = +15V
VSS = –15V
SUPPLY VOLTAGE – Volts
t
OFF
300
0
±21
±7
100
±5
200
±19
±15
±13
±11
±17
±9
V
IN
= +5V
t
TRANSITION
t
ON
Figure 12. Negative Supply Current vs. Switching
Frequency
Figure 13. Switching Time vs. V
IN (Single Supply)
Figure 14. Switching Time vs. Single Supply
Figure 9. Positive Supply Current vs. Switching
Frequency
Figure 10. Switching Time vs. V
IN (Bipolar Supply)
Figure 11. Switching Time vs. Bipolar Supply
V
IN
– V
220
80
12
140
100
4
120
2
200
160
180
10
8
6
V
DD
= +12V
V
SS
= 0V
t
TRANSITION
t
ON
t
OFF
500
0
15
300
100
7
200
5
400
13
11
9
VIN = +5V
SUPPLY VOLTAGE – Volts
t
TRANSITION
t
ON
t
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com