Electronic Components Datasheet Search
  English  ▼

X  

ADG406 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG406
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406 Datasheet(HTML) 3 Page - Analog Devices

  ADG406 Datasheet HTML 1Page - Analog Devices ADG406 Datasheet HTML 2Page - Analog Devices ADG406 Datasheet HTML 3Page - Analog Devices ADG406 Datasheet HTML 4Page - Analog Devices ADG406 Datasheet HTML 5Page - Analog Devices ADG406 Datasheet HTML 6Page - Analog Devices ADG406 Datasheet HTML 7Page - Analog Devices ADG406 Datasheet HTML 8Page - Analog Devices ADG406 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
ADG406/ADG407/ADG426
SINGLE SUPPLY (V
DD = +12 V
± 10%, V
SS = 0 V, GND = 0 V, unless otherwise noted)
B Version
T Version
–40
°C to
–55
°C to
Parameter
+25
°C
+85
°C
+25
°C
+125
°C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to V
DD
0 to V
DD
V
R
ON
90
90
Ω typ
V
D = +3 V, +8.5 V, IS = –1 mA;
125
200
125
200
Ω max
V
DD = +10.8 V
LEAKAGE CURRENTS
V
DD = +13.2 V
Source OFF Leakage I
S (OFF)
±0.5
±20
±0.5
±50
nA max
V
D = 8 V/0.1 V, VS = 0.1 V/8 V;
Test Circuit 2
Drain OFF Leakage I
D (OFF)
V
D = 8 V/0.1 V, VS = 0.1 V/8 V;
ADG406, ADG426
±1
±20
±1
±200
nA max
Test Circuit 3
ADG407
±1
±20
±1
±100
nA max
Channel ON Leakage I
D, IS (ON)
V
S = VD = 8 V/0.1 V, Test Circuit 4
ADG406, ADG426
±1
±20
±1
±200
nA max
ADG407
±1
±20
±1
±100
nA max
DIGITAL INPUTS
Input High Voltage, V
INH
2.4
2.4
V min
Input Low Voltage, V
INL
0.8
0.8
V max
Input Current
I
INL or IINH
±1
±1
µA max
V
IN = 0 or VDD
C
IN, Digital Input Capacitance
8
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS
2
t
TRANSITION
180
180
ns typ
R
L = 300 Ω, CL = 35 pF;
220
350
220
350
ns max
V
1 = 8 V/0 V, V2 = 0 V/8 V;
Test Circuit 5
Break Before Make Delay, t
OPEN
10
10
ns typ
R
L = 300 Ω, CL = 35 pF;
V
S = +5 V, Test Circuit 6
t
ON (EN, WR)
180
180
ns typ
R
L = 300 Ω, CL = 35 pF;
240
350
240
350
ns max
V
S = +5 V, Test Circuit 7
t
OFF (EN, RS)
135
135
ns typ
R
L = 300 Ω, CL = 35 pF;
180
220
180
220
ns max
V
S = +5 V, Test Circuit 7
ADG426 Only
t
W, Write Pulse Width
100
100
ns min
t
S, Address, Enable Setup Time
100
100
ns min
t
H, Address, Enable Hold Time
10
10
ns min
t
RS, Reset Pulse Width
100
100
ns min
V
S = +5 V
Charge Injection
5
5
pC typ
V
S = 6 V, RS = 0 Ω, CL = 1 nF;
Test Circuit 10
OFF Isolation
–75
–75
dB typ
R
L = 1 kΩ, f = 100 kHz;
Test Circuit 11
Channel-to-Channel Crosstalk
85
85
dB typ
R
L = 1 kΩ, f = 100 kHz;
Test Circuit 12
C
S (OFF)
8
8
pF typ
f = 1 MHz
C
D (OFF)
f = 1 MHz
ADG406, ADG426
80
80
pF typ
ADG407
40
40
pF typ
C
D, CS (ON)
f = 1 MHz
ADG406, ADG426
100
100
pF typ
ADG407
50
50
pF typ
POWER REQUIREMENTS
V
DD = +13.2 V
I
DD
11
µA typ
V
IN = 0 V, VEN = 0 V
55
µA max
I
DD
100
100
µA typ
V
IN = 0 V, VEN = 2.4 V
200
500
200
500
µA max
NOTES
1Temperature ranges are as follows: B Versions: –40
°C to +85°C; T Versions: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com