Electronic Components Datasheet Search
  English  ▼

X  

ADG406 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG406
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG406 Datasheet HTML 4Page - Analog Devices ADG406 Datasheet HTML 5Page - Analog Devices ADG406 Datasheet HTML 6Page - Analog Devices ADG406 Datasheet HTML 7Page - Analog Devices ADG406 Datasheet HTML 8Page - Analog Devices ADG406 Datasheet HTML 9Page - Analog Devices ADG406 Datasheet HTML 10Page - Analog Devices ADG406 Datasheet HTML 11Page - Analog Devices ADG406 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
ADG406/ADG407/ADG426
REV. 0
VSS
VDD
VS
VSS
VDD
A3
A2
ADG426*
A1
S1
RS
S2 THRU S16
2.4V
A0
*SIMILAR CONNECTION FOR ADG406/ADG407
GND
EN
CL
35pF
RL
300
Ω
WR
D
VIN
50
Ω
VOUT
ENABLE
DRIVE–VIN
3V
50%
t
ON (EN)
50%
90%
VO
t
OFF (EN)
90%
0V
0V
OUTPUT
*SIMILAR CONNECTION FOR ADG406/ADG407
S16
GND
EN
2.4V
V
SS
V
DD
V
S
V
SS
V
DD
A3
A2
ADG426*
A1
S1
RS
S2 THRU S15
C
L
35pF
R
L
300
Ω
V
IN
WR
50
Ω
D
A0
V
OUT
0V
3V
OUTPUT
ADDRESS
DRIVE – V
IN
80%
80%
t
OPEN
*SIMILAR CONNECTION FOR ADG406/ADG407
S16
GND
EN
2.4V
V
SS
V
DD
V
1
V
SS
V
DD
A3
A2
ADG426*
A1
S1
RS
S2 THRU S15
V
2
C
L
35pF
R
L
300
Ω
V
IN
WR
50
Ω
D
A0
V
OUT
3V
50%
50%
V
OUT
ADDRESS
DRIVE – V
IN
90%
t
TRANSITION
t
TRANSITION
90%
Test Circuit 5. Switching Time of Multiplexer, t
TRANSITION
Test Circuit 6. Break-Before-Make Delay, t
OPEN
Test Circuit 7. Enable Delay, t
ON (EN), tOFF (EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com