Electronic Components Datasheet Search
  English  ▼

X  

ADG428 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG428
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG428 Datasheet HTML 2Page - Analog Devices ADG428 Datasheet HTML 3Page - Analog Devices ADG428 Datasheet HTML 4Page - Analog Devices ADG428 Datasheet HTML 5Page - Analog Devices ADG428 Datasheet HTML 6Page - Analog Devices ADG428 Datasheet HTML 7Page - Analog Devices ADG428 Datasheet HTML 8Page - Analog Devices ADG428 Datasheet HTML 9Page - Analog Devices ADG428 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
ADG428/ADG429
–6–
TIMING DIAGRAMS
3V
WR
0V
3V
A0, A1, (A2)
EN
0V
50%
50%
tW
tS
tH
2V
0.8V
Figure 1.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive; there-
fore, while
WR is held low, the latches are transparent and the
switches respond to the address and enable inputs. This input
data is latched on the rising edge of
WR.
50%
50%
3V
RS
0V
VO
SWITCH
OUTPUT
0V
0.8VO
tRS
tOFF (RS)
Figure 2.
Figure 2 shows the Reset Pulsewidth, tRS, and the Reset Turnoff
Time, tOFF, (RS).
Note: All digital input signals rise and fall times are measured
from 10% to 90% of 3 V. tr = tf = 20 ns.
Typical Characteristics
VD (VS) – Volts
140
40
–15
15
–10
–5
0
5
10
130
100
70
80
VDD = +15V
VSS = –15V
60
50
120
110
90
TA = +25 C
VDD = +5V
VSS = –5V
VDD = +12V
VSS = –12V
VDD = +10V
VSS = –10V
Figure 3. RON as a Function of VD (VS): Dual Supply
Voltage
VD (VS) – Volts
80
40
75
60
55
50
45
70
65
–15
15
–10
–5
05
10
VDD = +15V
VSS = –15V
+125 C
+85 C
+25 C
Figure 4. RON as a Function of VD (VS) for Different
Temperatures
VD (VS) – Volts
600
550
100
015
36
9
12
400
250
200
150
500
450
300
350
50
0
TA = +25 C
VDD = +12V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +5V
VSS = 0V
VDD = +15V
VSS = 0V
Figure 5. RON as a Function of VD (VS): Single Supply
Voltage
VD (VS) – Volts
160
60
015
2
468
10
150
120
90
80
70
140
130
110
100
VDD = +12V
VSS = 0V
+125 C
+25 C
+85 C
Figure 6. RON as a Function of VD (VS) for Different
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com